データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM2575BWM データシート(PDF) 5 Page - Micrel Semiconductor

部品番号 LM2575BWM
部品情報  52kHz Simple 1A Buck Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICREL [Micrel Semiconductor]
ホームページ  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

LM2575BWM データシート(HTML) 5 Page - Micrel Semiconductor

  LM2575BWM Datasheet HTML 1Page - Micrel Semiconductor LM2575BWM Datasheet HTML 2Page - Micrel Semiconductor LM2575BWM Datasheet HTML 3Page - Micrel Semiconductor LM2575BWM Datasheet HTML 4Page - Micrel Semiconductor LM2575BWM Datasheet HTML 5Page - Micrel Semiconductor LM2575BWM Datasheet HTML 6Page - Micrel Semiconductor LM2575BWM Datasheet HTML 7Page - Micrel Semiconductor LM2575BWM Datasheet HTML 8Page - Micrel Semiconductor LM2575BWM Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
April 2005
5
M9999-042205
LM2575
Micrel, Inc.
Typical Performance Characteristics
Normalized
Feedback Voltage*
JUNCTION TEMPERATURE (˚C)
25
20
15
10
5
0
-5
-10
-15
-20
-25
-75 -50 -25 0
25 50 75 100 125 150
VIN = 12V
ILOAD = 200mA
Normalized to TJ = 25˚C
Feedback Voltage
vs Duty Cycle*
DUTY CYCLE (%)
20
15
10
5
0
-5
-10
-15
-20
ILOAD = 200 mA
VIN = 40V
VIN = 7V
0
20
40
60
80
100
* Adjustable version only
LM2575
Units
Symbol
Parameter
Conditions
Typ
Limit
(Limits)
(Note 2)
ON/OFF CONTROL, FIXED and ADJUSTABLE REGULATORS Test Circuit Figure 1
V
IH
ON/OFF Pin Logic
V
OUT = 0V
1.4
2.2/2.4
V(min)
V
IL
Input Level
V
OUT = 5V
1.2
1.0/0.8
V(max)
I
IH
ON /OFF Pin Logic
ON /OFF Pin = 5V (OFF)
4
µA
Current
30
µA(max)
I
IL
ON/OFF Pin = 0V (ON)
0.01
µA
10
µA(max)
Note 1:
Absolute Maximum Rating indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device
is intended to be functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see the Electrical
Characteristics.
Note 2:
All limits guaranteed at room temperature (standard type face) and at temperature extremes (bold type face) . All room temperature limits are
100% production tested. All limits at temperature extreme are guaranteed via testing.
Note 3:
External components such as the catch diode, inductor, input and output capacitors can affect switching regulator system performance. When the
LM2575/LM1575 is used as shown in Figure 1 test circuit, system performance will be shown in system parameters section of Electrical
Characteristics.
Note 4:
Output (pin 2) sourcing current. No diode, inductor or capacitor connected to output.
Note 5:
Feedback (pin 4) removed from output and connected to 0V.
Note 6:
Feedback (pin 4) removed from output and connected to 12V to force the output transistor OFF.
Note 7:
Junction to ambient thermal resistance (no external heat sink) for the 5-lead TO-220 package mounted vertically, with 1/2" leads in a socket, or
on PC board with minimum copper area.
Note 8:
Junction to ambient thermal resistance (no external heat sink) for the 5-lead TO-220 package mounted vertically, with 1/4" leads soldered to PC
board containing approximately 4 square inches of copper area surrounding the leads.
Note 9:
Junction to ambient thermal resistance with approximately 1 square inch of pc board copper surrounding the leads. Additional copper will lower
thermal resistance further.



Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com