データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PJS6407 データシート(PDF) 1 Page - Pan Jit International Inc.

部品番号 PJS6407
部品情報  30V P-Channel Enhancement Mode MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANJIT [Pan Jit International Inc.]
ホームページ  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJS6407 データシート(HTML) 1 Page - Pan Jit International Inc.

  PJS6407 Datasheet HTML 1Page - Pan Jit International Inc. PJS6407 Datasheet HTML 2Page - Pan Jit International Inc. PJS6407 Datasheet HTML 3Page - Pan Jit International Inc. PJS6407 Datasheet HTML 4Page - Pan Jit International Inc. PJS6407 Datasheet HTML 5Page - Pan Jit International Inc. PJS6407 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PPJS6407
December 31,2014-REV.03
Page 1
30V P-Channel Enhancement Mode MOSFET
Voltage
-30 V
Current
-4.9A
SOT-23 6L-1
Unit : inch(mm)
Features
RDS(ON) , VGS@-10V, ID@-4.9A<64m
Ω
RDS(ON) , VGS@-4.5V, ID@-3.3A<79m
Ω
Advanced Trench Process Technology
Specially Designed for Switch Load, PWM Application, etc
Lead free in compliance with EU RoHS 2011/65/EU
directive.
Green molding compound as per IEC61249 Std.
(Halogen Free)
Mechanical Data
Case: SOT-23 6L-1 Package
Terminals: Solderable per MIL-STD-750, Method 2026
Approx. Weight: 0.0005 ounces, 0.014 grams
Marking: S07
PARAMETER
SYMBOL
LIMIT
UNITS
Drain-Source Voltage
VDS
-30
V
Gate-Source Voltage
VGS
+20
V
Continuous Drain Current
ID
-4.9
A
Pulsed Drain Current
IDM
-19.6
A
Power Dissipation
Ta=25
oC
PD
2
W
Derate above 25
oC
16
mW/
oC
Operating Junction and Storage Temperature Range
TJ,TSTG
-55~150
oC
Typical Thermal resistance
-
Junction to Ambient
(Note 3)
RθJA
62.5
oC/W
Maximum Ratings and Thermal Characteristics (TA=25
o
C unless otherwise noted)


同様の部品番号 - PJS6407

メーカー部品番号データシート部品情報
logo
Pan Jit International I...
PJS6407 PANJIT-PJS6407 Datasheet
348Kb / 6P
30V P-Channel Enhancement Mode MOSFET
January 19,2022
PJS6407_S1_00001 PANJIT-PJS6407_S1_00001 Datasheet
348Kb / 6P
30V P-Channel Enhancement Mode MOSFET
January 19,2022
PJS6407 PANJIT-PJS6407_V01 Datasheet
348Kb / 6P
30V P-Channel Enhancement Mode MOSFET
January 19,2022
More results

同様の説明 - PJS6407

メーカー部品番号データシート部品情報
logo
Zetex Semiconductors
ZXM64P03X ZETEX-ZXM64P03X Datasheet
205Kb / 7P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM4835 TSC-TSM4835 Datasheet
172Kb / 5P
30V P-Channel Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZXM64P03X ZETEX-ZXM64P03X_05 Datasheet
331Kb / 7P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMP3A16N8 DIODES-ZXMP3A16N8 Datasheet
159Kb / 8P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
MAY 2007
logo
Pan Jit International I...
PJA87P03 PANJIT-PJA87P03 Datasheet
2Mb / 6P
30V P-Channel ENHANCEMENT MODE MOSFET
logo
Formosa MS
FMS2303 FORMOSA-FMS2303 Datasheet
1Mb / 8P
30V P-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTP452M3 CYSTEKEC-MTP452M3 Datasheet
285Kb / 8P
30V P-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP3068L DIODES-DMP3068L_15 Datasheet
348Kb / 6P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMP32D4S DIODES-DMP32D4S_15 Datasheet
335Kb / 6P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
logo
TECH PUBLIC Electronics...
IRF7316 TECHPUBLIC-IRF7316 Datasheet
2Mb / 5P
-30V PP-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com