| データシートサーチシステム |
|
MCP2120 データシート(PDF) 29 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP2120 データシート(HTML) 29 Page - Microchip Technology |
|
29 / 64 page ![]() 2001 Microchip Technology Inc. DS51246A-page 25 MCP2120 Tutorial 3.5 Setting Up the Terminal Program Windows® 95 Operating System (OS) comes with a Terminal Emulation program called Hyperterminal. This tutorial uses this program to demonstrate the operation of the MCP2120/MCP2150 Developer’s Kit boards. To open Hyperterminal, select Start > Programs > Accessories and select the Hyperterminal folder. Then double click the program file Hypertrm.exe. to start Hyperterminal. Figure 3.5 shows the initial screen once the Hyperterminal program is open. You will then need to select a name for this configuration. Figure 3.5: Hyperterminal Opening Screen For the initial test, we will set up the system to operate at 9600 baud. Type the name as shown in Figure 3.6 and select any icon. Click OK. Figure 3.6: Choosing Name and Icon Windows is a registered trademark of Microsoft Corporation. |