| データシートサーチシステム |
|
MCP2120 データシート(PDF) 23 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP2120 データシート(HTML) 23 Page - Microchip Technology |
|
23 / 64 page ![]() 2001 Microchip Technology Inc. DS51246A-page 19 Getting Started 2.4.4. Configuration 4 This configuration is used to evaluate the MCP2120 for an IrDA system, where the Host Controller is responsible for the IrDA protocol stack. The MCP2120 Developer’s Board interfaces to a PC running a terminal emulation program, such as Hyperterminal, that connects the IR port to a virtual serial port. 2.4.5. Configuration 5 This configuration is used to evaluate the MCP2150 for adding the IrDA feature to a system. The Host controller only needs to send and receive the required ASCII data, while the MCP2150 handles the IrDA standard protocol stack. The MCP2150 Developer’s Board can have the host interface be from either the DB-9 (PC or other UART) or the Header. Developer’s Board #1 Developer’s Board #2 MCP2120 Dev Board (IR Driver) → IrDA standard port (Palm Pilot, cell phone, ...) Developer’s Board #1 Developer’s Board #2 MCP2150 Dev Board (ASCII) → IrDA standard port (Palm Pilot, cell phone, ...) |