データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC115331ECT データシート(PDF) 9 Page - Microchip Technology

部品番号 TC115331ECT
部品情報  PFM/PWM Step-Up DC/DC Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC115331ECT データシート(HTML) 9 Page - Microchip Technology

Back Button TC115331ECT Datasheet HTML 5Page - Microchip Technology TC115331ECT Datasheet HTML 6Page - Microchip Technology TC115331ECT Datasheet HTML 7Page - Microchip Technology TC115331ECT Datasheet HTML 8Page - Microchip Technology TC115331ECT Datasheet HTML 9Page - Microchip Technology TC115331ECT Datasheet HTML 10Page - Microchip Technology TC115331ECT Datasheet HTML 11Page - Microchip Technology TC115331ECT Datasheet HTML 12Page - Microchip Technology TC115331ECT Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
 2003 Microchip Technology Inc.
DS21361C-page 9
TC115
6.0
PACKAGING INFORMATION
6.1
Package Marking Information
Example: For TC115331, the marking code is:
Symbol
(100 kHz)
Voltage
11.
22.
33.
44.
55.
66.
Symbol
(100 kHz)
Voltage
0.0
1.1
2.2
3.3
4.4
5.5
6.6
7.7
8.8
9.9
5
4
1
3
2
SOT-89-5
4
1
3
2
1
represents product classification; TC115 = 1
2
represents first integer of voltage and frequency
3
represents first decimal of voltage and frequency
4
represents production lot ID code
3X
1
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14