| データシートサーチシステム |
|
TC115331ECT データシート(PDF) 10 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
TC115331ECT データシート(HTML) 10 Page - Microchip Technology |
|
10 / 14 page ![]() TC115 DS21361C-page 10 2003 Microchip Technology Inc. 5-Lead Plastic Small Outline Transistor Header (MT) (SOT-89) 0.53 0.41 .021 .016 B Lead 2 Width 0.44 0.37 .017 .015 c Lead Thickness 1.80 1.40 .071 .055 D1 Tab Width 4.60 4.40 .181 .173 D Overall Length 4.50 .177 H Overall Width 1.60 1.40 .063 .055 A Overall Height 3.00 BSC .118 BSC p1 Outside lead pitch (basic) 1.50 BSC .059 BSC p Pitch MAX MIN MAX MIN Dimension Limits MILLIMETERS* INCHES Units exceed .005" (0.127mm) per side. Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not Notes: Drawing No. C04-030 *Controlling Parameter Foot Length L .031 0.80 Leads 1,3, 4 & 5 Width B1 .014 .019 0.36 0.48 Molded Package Width E .090 .102 2.29 2.60 -- - - Tab Lead Width B2 .013 .019 0.32 0.48 D1 H L B1 B B1 p p1 E C A 1 2 2 3 L B1 B1 4 5 B2 D |