| データシートサーチシステム |
|
RF63 データシート(PDF) 46 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
RF63 データシート(HTML) 46 Page - List of Unclassifed Manufacturers |
|
46 / 91 page ![]() ADVANCED COMMUNICATIONS & SENSING Page 46 of 91 RF63 Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com Data Rx (to SR) “noisy” data Preamble Sync b0 b1 b2 b3 b4 b5 b6 b7 b8 b9 b10 b11 b12 b13 b14 b15 b16 Start condition (Cf. Fifo_fill_method) /Fifoempty Fifofull Fifo_overrun_clr Write_byte 15 FIFO 0 b10 b9 b8 b7 b6 b5 b4 b3 b2 b1 b0 b11 b12 b13 b14 b15 Figure 40: Rx Processing in Buffered Mode (FIFO size=16, Fifo_fill_method=0) 5.4.4. Interrupt Signals Mapping The tables below describe the interrupts available in Buffered mode. Rx_stby_irq_x Rx Stby IRQ_0 00 (d) - - 01 Write_byte - 10 /Fifoempty /Fifoempty 11 Sync - IRQ_1 00 (d) - - 01 Fifofull Fifofull 10 RSSI - 11 Fifo_threshold Fifo_threshold Table 20: Interrupt Mapping in Buffered Rx and Stby Modes Tx IRQ_0 /Fifoempty IRQ_1 Tx_irq_1=0 (d) Fifofull Tx_irq_1=1 Tx_done Table 21: Interrupt Mapping in Buffered Tx Mode |