| データシートサーチシステム |
|
RF63 データシート(PDF) 48 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
RF63 データシート(HTML) 48 Page - List of Unclassifed Manufacturers |
|
48 / 91 page ![]() ADVANCED COMMUNICATIONS & SENSING Page 48 of 91 RF63 Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com • Write packet bytes into FIFO. Tx starts when the first byte is written (Tx_start_irq_0=1). W e assume the FIFO is being filled via SPI Data faster than being unfilled by SR. • Wait for Tx_done interrupt (+1 bit period) • Go to Sleep mode Rx Mode: • Program Rx/Stby interrupts: IRQ_0 mapped to /Fifoempty (Rx_stby_irq_0=10) and IRQ_1 mapped to Fifo_threshold (Rx_stby_irq_1=11). Configure Fifo_thresh to an appropriate value (ex: to detect packet end if its length is known) • Go to Rx mode (note that Rx is not ready immediately, Cf section 7.3.1). • Wait for Fifo_threshold interrupt (i.e. Sync word has been detected and FIFO filled up to the defined threshold). • If it is packet end, go to Stby (SR ‟s content is lost). • Read packet bytes from FIFO until /Fifoempty goes low (or correct number of bytes is read). • Go to Sleep mode. |