データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PIC16C54-10/P データシート(PDF) 32 Page - Microchip Technology

部品番号 PIC16C54-10/P
部品情報  EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C54-10/P データシート(HTML) 32 Page - Microchip Technology

Back Button PIC16C54-10/P Datasheet HTML 28Page - Microchip Technology PIC16C54-10/P Datasheet HTML 29Page - Microchip Technology PIC16C54-10/P Datasheet HTML 30Page - Microchip Technology PIC16C54-10/P Datasheet HTML 31Page - Microchip Technology PIC16C54-10/P Datasheet HTML 32Page - Microchip Technology PIC16C54-10/P Datasheet HTML 33Page - Microchip Technology PIC16C54-10/P Datasheet HTML 34Page - Microchip Technology PIC16C54-10/P Datasheet HTML 35Page - Microchip Technology PIC16C54-10/P Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 217 page
background image
PIC16C5X
DS30453B-page 32
Preliminary
© 1998 Microchip Technology Inc.
FIGURE 7-2:
CONFIGURATION WORD FOR PIC16C52/C54/C54A/C55/C56/C57/C58A
—
—
—
—
—
—
—
—
CP
WDTE FOSC1 FOSC0
Register:
CONFIG
Address(1):
FFFh
bit11
10
987654321
bit0
bit 11-4: Unimplemented: Read as ’0’
bit 3:
CP: Code protection bit.
1 = Code protection off
0 = Code protection on
bit 2:
WDTE: Watchdog timer enable bit
(not implemented on PIC16C52)
1 = WDT enabled
0 = WDT disabled
bit 1-0:
FOSC1:FOSC0: Oscillator selection bits(2)
11 = RC oscillator
10 = HS oscillator
01 = XT oscillator
00 = LP oscillator
Note 1:
Refer to the PIC16C5X Programming Specifications (Literature Number DS30190) to deter-
mine how to access the configuration word.
2:
PIC16C52 supports XT and RC oscillator only.
PIC16LV54A supports XT, RC and LP oscillator only.
PIC16LV58A supports XT, RC and LP oscillator only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More