| データシートサーチシステム |
|
PIC16C54-10/P データシート(PDF) 10 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16C54-10/P データシート(HTML) 10 Page - Microchip Technology |
|
10 / 217 page ![]() PIC16C5X DS30453B-page 10 Preliminary © 1998 Microchip Technology Inc. FIGURE 3-1: PIC16C5X SERIES BLOCK DIAGRAM WDT TIME OUT 8 STACK 1 STACK 2 EPROM/ROM 384 X 12 TO 2048 X 12 INSTRUCTION REGISTER INSTRUCTION DECODER WATCHDOG TIMER CONFIGURATION WORD OSCILLATOR/ TIMING & CONTROL GENERAL PURPOSE REGISTER FILE (SRAM) 24, 25, 72 or 73 Bytes WDT/TMR0 PRESCALER OPTION REG. “OPTION” “SLEEP” “CODE PROTECT” “OSC SELECT” DIRECT ADDRESS TMR0 FROM W FROM W “TRIS 5” “TRIS 6” “TRIS 7” FSR TRISA PORTA TRISB PORTC TRISC PORTB FROM W T0CKI PIN 9-11 9-11 12 12 8 W 4 4 4 DATA BUS 8 8 8 8 8 8 8 ALU STATUS FROM W CLKOUT 8 9 6 5 5-7 OSC1 OSC2 MCLR PC “DISABLE” 2 RA3:RA0 RB7:RB0 RC7:RC0 (28-Pin Devices Only) DIRECT RAM ADDRESS |