| データシートサーチシステム |
|
TC7129 データシート(PDF) 2 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
TC7129 データシート(HTML) 2 Page - Microchip Technology |
|
2 / 24 page ![]() TC7129 DS21459B-page 2 © 2002 Microchip Technology Inc. Package Type 33 34 35 36 37 38 39 13 10 9 8 7 18 19 20 21 23 24 6 543 1 44 2 22 43 42 41 40 25 26 27 28 32 14 31 15 30 16 29 17 11 12 TC7129CLW F1, E1, DP1 B2, C2, BATT A2, G2, D2 F2, E2, DP2 B3, C3, MINUS A3, G3, D3 F3, E3, DP3 B4, C4, BC5 A4, G4, D4 F4, E4, DP4 NC REF LO REF HI IN HI IN LO BUFF CREF- CREF+ COMMON CONTINUITY INT OUT NC 27 28 29 30 31 32 33 7 4 3 2 1 TC7129CKW 12 13 14 15 17 18 44 43 42 41 39 38 40 16 37 36 35 34 19 20 21 22 26 8 25 9 24 10 23 11 5 6 REF LO REF HI IN HI IN LO BUFF CREF- CREF+ COMMON CONTINUITY INT OUT NC F1, E1, DP1 B2, C2, BATT A2, G2, D2 F2, E2, DP2 B3, C3, MINUS A3, G3, D3 F3, E3, DP3 B4, C4, BC5 A4, G4, D4 F4, E4, DP4 NC TC7129CPL 40-Pin PDIP 44-Pin QFP 44-Pin PLCC 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 22 21 OSC2 DP1 DP2 RANGE DGND REF LO REF HI IN HI IN LO BUFF CREF- CREF+ COMMON CONTINUITY INT OUT INT IN V+ V- DP3/UR OSC1 OSC3 ANNUNICATOR B1, C1, CONT A1, G1, D1 F1, E1, DP1 B2, C2, LO BATT A2, G2, D2 F2, E2, DP2 B3, C3, MINUS A3, G3, D3 F3, E3, DP3 B4, C4, BC5 A4, G4, D4 F4, E4, DP4 BP3 BP2 BP1 VDISP DP4/OR Display Output Lines LATCH/HOLD |