| データシートサーチシステム |
|
TC7117CPL データシート(PDF) 11 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
TC7117CPL データシート(HTML) 11 Page - Microchip Technology |
|
11 / 22 page ![]() © 2002 Microchip Technology Inc. DS21457B-page 11 TC7116/A/TC7117/A FIGURE 3-6: TC7117/TC711A DIGITAL SECTION TC7117 TC7117A 4 39 OSC2 V+ Digital GND TEST 35 Clock 40 38 OSC3 OSC1 ÷ HLDR Control Logic Typical Segment Output Digital Ground To Segment V+ 0.5mA 8mA 37 21 500 Ω V+ 1 Latch ~70k Ω To Switch Drivers From Comparator Output Internal Digital Ground Thousands Hundreds Tens Units 7-Segment Decode 7-Segment Decode 7-Segment Decode |