データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMZ20501 データシート(PDF) 21 Page - Texas Instruments

部品番号 LMZ20501
部品情報  LMZ14203H SIMPLE SWITCHER짰 6V to 42V, 3A High Output Voltage Power Module
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LMZ20501 データシート(HTML) 21 Page - Texas Instruments

Back Button LMZ20501_15 Datasheet HTML 17Page - Texas Instruments LMZ20501_15 Datasheet HTML 18Page - Texas Instruments LMZ20501_15 Datasheet HTML 19Page - Texas Instruments LMZ20501_15 Datasheet HTML 20Page - Texas Instruments LMZ20501_15 Datasheet HTML 21Page - Texas Instruments LMZ20501_15 Datasheet HTML 22Page - Texas Instruments LMZ20501_15 Datasheet HTML 23Page - Texas Instruments LMZ20501_15 Datasheet HTML 24Page - Texas Instruments LMZ20501_15 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
0.00
0.05
0.10
0.15
0.20
0.25
0.30
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Input Voltage (V)
C002
PFM
PWM
500µs/div
Output Voltage
1V/div
PG
EN
Input Current
0.2A/div
1.195
1.196
1.197
1.198
1.199
1.200
1.201
1.202
1.203
1.204
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Output Current (A)
3V
4.2V
5V
C005
20µs/div
Output Current
0.5A/div
Output Voltage
50mV/div
40
45
50
55
60
65
70
75
80
85
90
95
100
0.01
0.1
1
10
Output Current (A)
3V
4.2V
5V
C004
20µs/div
Output Current
0.5A/div
Output Voltage
50mV/div
LMZ20501
www.ti.com
SNVS874C – AUGUST 2012 – REVISED APRIL 2015
The following specifications apply to the circuit found in Figure 16 or Figure 17 with the appropriate modifications from
Table 2. These parameters are not tested and represent typical performance only. Unless otherwise stated the following
conditions apply: TA = 25°C.
VOUT = 1.2 V
VIN = 4.2 V
VOUT = 1.2 V
Figure 27. Load Transients In PWM
Figure 26. Efficiency
VOUT = 1.2 V
VIN = 4.2 V
VOUT = 1.2 V
Figure 29. Load Transients In AUTO Mode
Figure 28. Regulation, AUTO Mode
VOUT = 1.2 V
VIN = 5 V
IOUT = 1 A
VOUT = 1.2 V
Figure 31. Start-Up
Figure 30. AUTO Mode Thresholds
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LMZ20501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com