データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMZ20501 データシート(PDF) 3 Page - Texas Instruments

部品番号 LMZ20501
部品情報  LMZ14203H SIMPLE SWITCHER짰 6V to 42V, 3A High Output Voltage Power Module
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LMZ20501 データシート(HTML) 3 Page - Texas Instruments

  LMZ20501_15 Datasheet HTML 1Page - Texas Instruments LMZ20501_15 Datasheet HTML 2Page - Texas Instruments LMZ20501_15 Datasheet HTML 3Page - Texas Instruments LMZ20501_15 Datasheet HTML 4Page - Texas Instruments LMZ20501_15 Datasheet HTML 5Page - Texas Instruments LMZ20501_15 Datasheet HTML 6Page - Texas Instruments LMZ20501_15 Datasheet HTML 7Page - Texas Instruments LMZ20501_15 Datasheet HTML 8Page - Texas Instruments LMZ20501_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
1
2
3
4
5
6
7
8
PG
EN
MODE
FB
VOUT
GND
VIN
NC
LMZ20501
www.ti.com
SNVS874C – AUGUST 2012 – REVISED APRIL 2015
6 Pin Configuration and Functions
USIP Package (SIL)
8 Pins
Top View
Pin Functions
PIN
TYPE(1)
DESCRIPTION
NUMBER
NAME
1
PG
O
Power good flag; open drain. Connect to logic supply through a resistor. High = power good; Low =
power bad. If not used, leave unconnected.
2
EN
I
Enable input. High = On, Low = Off. A valid input voltage, on pin 8, must be present before EN is
asserted. Do not float.
3
MODE
I
Mode selection input. High = forced PWM. Low = AUTO mode, with PFM at light load . Do not float.
4
FB
I
Feedback input to controller. Connect to output through feedback divider.
5
VOUT
P
Regulated output voltage; connect to COUT.
6
GND
G
Ground for all circuitry. Reference point for all voltages.
7
NC
This pin must be left floating. Do not connect to ground or any other node.
8
VIN
P
Input supply to regulator. Connect to input capacitor(s) as close as possible to the VIN pin and GND
pin of the module.
EP
EP
G
Ground and heat-sink connection. See Layout Guidelines section for more information.
(1)
G = Ground, I = Input, O = Output, P = Power
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMZ20501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com