データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AR0330 データシート(PDF) 48 Page - ON Semiconductor

部品番号 AR0330
部品情報  CMOS Digital Image Sensor
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0330 データシート(HTML) 48 Page - ON Semiconductor

Back Button AR0330 Datasheet HTML 44Page - ON Semiconductor AR0330 Datasheet HTML 45Page - ON Semiconductor AR0330 Datasheet HTML 46Page - ON Semiconductor AR0330 Datasheet HTML 47Page - ON Semiconductor AR0330 Datasheet HTML 48Page - ON Semiconductor AR0330 Datasheet HTML 49Page - ON Semiconductor AR0330 Datasheet HTML 50Page - ON Semiconductor AR0330 Datasheet HTML 51Page - ON Semiconductor AR0330 Datasheet HTML 52Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 77 page
background image
AR0330_DS Rev. U Pub. 4/15 EN
48
©Semiconductor Components Industries, LLC,2015.
AR0330: 1/3-Inch CMOS Digital Image Sensor
Sensor Readout
R0x3040[15] = 0 and R0x3040[15] = 1. Changing this bit causes the Bayer order of the
output image to change; the new Bayer order is reflected in the value of the pixel_order
register.
Figure 32:
Effect of Vertical Flip on Readout Order
Row0[11:0] Row1[11:0] Row2[11:0] Row3[11:0] Row4[11:0] Row5[11:0]
Row6[11:0] Row5[11:0] Row4[11:0] Row3[11:0]
Row1[11:0]
FRAME_VALID
vertical_flip = 0
DOUT[11:0]
vertical_flip = 1
DOUT[11:0]
Row2[11:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77