データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KAF-8300 データシート(PDF) 4 Page - ON Semiconductor

部品番号 KAF-8300
部品情報  Full Frame CCD Image Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAF-8300 データシート(HTML) 4 Page - ON Semiconductor

  KAF-8300 Datasheet HTML 1Page - ON Semiconductor KAF-8300 Datasheet HTML 2Page - ON Semiconductor KAF-8300 Datasheet HTML 3Page - ON Semiconductor KAF-8300 Datasheet HTML 4Page - ON Semiconductor KAF-8300 Datasheet HTML 5Page - ON Semiconductor KAF-8300 Datasheet HTML 6Page - ON Semiconductor KAF-8300 Datasheet HTML 7Page - ON Semiconductor KAF-8300 Datasheet HTML 8Page - ON Semiconductor KAF-8300 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
KAF−8300
www.onsemi.com
4
Figure 3. Block Diagram (Monochrome)
Last Hccd Phase: H1
3326 Active Pixels (typical active line format)
Last Vccd Phase: V2
20 Active Buffer
8 Dark Dummy
39 Dark
6 Dark Dummy
3 Dummy
1 Active (CTE Monitor)
H1
H2
20 Active Buffer
5 Dark Dummy
5 Dummy
1 Active (CTE Monitor)
8 Dummy
4 Virtual Dummy Column
2 Dummy
OG
SUB
VOUT
RG
RD
H1L
VDD
VSS
V1
V2
1 Active (CTE Monitor)
20 Active Buffer
3 Dark Dummy
LODT
LODB
20 Active Buffer
8 Dark Dummy
12 Dark
6 Dark Dummy
Active Image Area
3326 (H) X 2504 (V)
Effective Image Area
3366 (H) X 2544 (V)
5.4 microns X 5.4 microns
4:3 Aspect Ratio
Dark Reference Pixels
Surrounding the periphery of the device is a border of light
shielded pixels creating a dark region. Within this dark
region there are light shielded pixels that include 39 trailing
dark pixels on every line. There are also 12 full dark lines at
the start of every frame. Under normal circumstances, these
pixels do not respond to light and may be used as a dark
reference.
Dark Dummy Pixels
Within the dark region some pixels are in close proximity
to an active pixel, or the light sensitive regions that have
been added for manufacturing test purposes, (CTE
Monitor). In both cases, these pixels can scavenge signal
depending on light intensity and wavelength. These pixels
should not be used as a dark reference. These pixels are
called dark dummy pixels.
Within the dark region, dark dummy pixels have been
identified. There are 5 leading and 14 (6 + 8) trailing dark
pixels on every line. There are also 14 (6 + 8) dark dummy
lines at the start of every frame along with 3 dark dummy
lines at the end of each frame.
Dummy Pixels
Within the horizontal shift register there are 13, (8 + 5),
leading and 5, (2 + 3), trailing additional shift phases that are
not electrically associated with any columns of pixels within
the vertical register. These pixels contain only horizontal
shift register dark current signal and do not respond to light
and therefore, have been designated as dummy pixels. For
this reason, they should not be used to determine a dark
reference level.
Virtual Dummy Columns
Within the horizontal shift register there is 4 leading shift
phases that are not physically associated with a column of
pixels within the vertical register. These pixels contain only
horizontal shift register dark current signal and do not
respond to light and therefore, have been designated as
virtual dummy columns. For this reason, they also should
not be used to determine a dark reference level.
Active Buffer Pixels
For color devices, sixteen buffer pixels adjacent to the
blue pixel buffer region contain a RGB mosaic color pattern.
This region is classified as active buffer pixels. These pixels
are light sensitive but they are not tested for defects and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28