| データシートサーチシステム |
|
KAI-08050 データシート(PDF) 24 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
KAI-08050 データシート(HTML) 24 Page - ON Semiconductor |
|
24 / 31 page ![]() KAI−08050 www.onsemi.com 24 Timing Diagrams The timing sequence for the clocked device pins may be represented as one of seven patterns (P1−P7) as shown in the table below. The patterns are defined in Figure 20 and Figure 21. Contact ON Semiconductor Application Engineering for other readout modes. Table 19. Device Pin Quad Readout Dual Readout VOUTa, VOUTb Dual Readout VOUTa, VOUTc Single Readout VOUTa V1T P1T P1B P1T P1B V2T P2T P4B P2T P4B V3T P3T P3B P3T P3B V4T P4T P2B P4T P2B V1B P1B V2B P2B V3B P3B V4B P4B H1Sa P5 H1Ba H2Sa2 P6 H2Ba Ra P7 H1Sb P5 P5 H1Bb P6 H2Sb 2 P6 P6 H2Bb P5 Rb P7 P7 1 or Off 3 P7 1 or Off 3 H1Sc P5 P5 1 or Off 3 P5 P5 1 or Off 3 H1Bc H2Sc 2 P6 P6 1 or Off 3 P6 P6 1 or Off 3 H2Bc Rc P7 P7 1 or Off 3 P7 P7 1 or Off 3 H1Sd P5 P5 1 or Off 3 P5 P5 1 or Off 3 H1Bd P6 H2Sd 2 P6 P6 1 or Off 3 P6 P6 1 or Off 3 H2Bd P5 Rd P7 P7 1 or Off 3 P7 1 or Off 3 P7 1 or Off 3 # Lines/Frame (Minimum) 1260 2520 1260 2520 # Pixels/Line (Minimum) 1693 3386 1. For optimal performance of the sensor. May be clocked at a lower frequency. If clocked at a lower frequency, the frequency selected should be a multiple of the frequency used on the a and b register. 2. H2SLx follows the same pattern as H2Sx For optimal speed performance, use a separate clock driver. 3. Off = +5 V. Note that there may be operating conditions (high temperature and/or very bright light sources) that will cause blooming from the unused c/d register into the image area. |