データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TL4051 データシート(PDF) 2 Page - Texas Instruments

部品番号 TL4051
部品情報  PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TL4051 データシート(HTML) 2 Page - Texas Instruments

  TL4051_15 Datasheet HTML 1Page - Texas Instruments TL4051_15 Datasheet HTML 2Page - Texas Instruments TL4051_15 Datasheet HTML 3Page - Texas Instruments TL4051_15 Datasheet HTML 4Page - Texas Instruments TL4051_15 Datasheet HTML 5Page - Texas Instruments TL4051_15 Datasheet HTML 6Page - Texas Instruments TL4051_15 Datasheet HTML 7Page - Texas Instruments TL4051_15 Datasheet HTML 8Page - Texas Instruments TL4051_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
www.ti.com
TL4051
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
SLOS487 – JUNE 2007
ORDERING INFORMATION(1)
ORDERABLE
TOP-SIDE
TA
DEVICE GRADE
VZ
PACKAGE(2)
PART NUMBER
MARKING(3)
Reel of 3000
TL4051AIDBZR
SOT-23-3 – DBZ
TN2_
Reel of 250
TL4051AIDBZT
A grade:
ADJ
Reel of 3000
TL4051AIDCKR
0.1% initial
SC-70 – DCK
97_
accuracy
Reel of 250
TL4051AIDCKT
and
Reel of 3000
TL4051A12IDBZR
50 ppm/
°C
SOT-23-3 – DBZ
TN8_
temperature
Reel of 250
TL4051A12IDBZT
1.2 V
coefficient
Reel of 3000
TL4051A12IDCKR
SC-70 – DCK
9D_
Reel of 250
TL4051A12IDCKT
Reel of 3000
TL4051BIDBZR
SOT-23-3 – DBZ
TN3_
Reel of 250
TL4051BIDBZT
B grade:
ADJ
Reel of 3000
TL4051BIDCKR
0.2% initial
SC-70 – DCK
98_
accuracy
Reel of 250
TL4051BIDCKT
–40
°C to 85°C
and
Reel of 3000
TL4051B12IDBZR
50 ppm/
°C
SOT-23-3 – DBZ
TN9_
temperature
Reel of 250
TL4051B12IDBZT
1.2 V
coefficient
Reel of 3000
TL4051B12IDCKR
SC-70 – DCK
9E_
Reel of 250
TL4051B12IDCKT
Reel of 3000
TL4051CIDBZR
SOT-23-3 – DBZ
TN4_
Reel of 250
TL4051CIDBZT
C grade:
ADJ
Reel of 3000
TL4051CIDCKR
0.5% initial
SC-70 – DCK
99_
accuracy
Reel of 250
TL4051CIDCKT
and
Reel of 3000
TL4051C12IDBZR
50 ppm/
°C
SOT-23-3 – DBZ
TNU_
temperature
Reel of 250
TL4051C12IDBZT
1.2 V
coefficient
Reel of 3000
TL4051C12IDCKR
SC-70 – DCK
9F_
Reel of 250
TL4051C12IDCKT
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
(3)
The actual top-side marking has one additional character that designates the assembly/test site.
2
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com