データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RGUW2 データシート(PDF) 3 Page - Wall Industries,Inc.

部品番号 RGUW2
部品情報  4 - 1 Ultra Wide Input Voltage Range DIP and SMT Packages
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WALL [Wall Industries,Inc.]
ホームページ  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

RGUW2 データシート(HTML) 3 Page - Wall Industries,Inc.

  RGUW2 Datasheet HTML 1Page - Wall Industries,Inc. RGUW2 Datasheet HTML 2Page - Wall Industries,Inc. RGUW2 Datasheet HTML 3Page - Wall Industries,Inc. RGUW2 Datasheet HTML 4Page - Wall Industries,Inc. RGUW2 Datasheet HTML 5Page - Wall Industries,Inc. RGUW2 Datasheet HTML 6Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Rev. A
RGUW2 Series
Single & Dual Outputs
4:1 Input Voltage Range
2 Watt DC/DC Power Converters
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
09/21/2010
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 3 of 6
MODEL SELECTION TABLES
-To order surface mount version, add the suffix “S” to the model number (Ex: RG24S5UW2S).
-To order 3000VDC I/O isolation version, add the suffix “H” to the model number (Ex: RG24S5UW2H).
SINGLE OUTPUT MODELS
Output Current
Input Current
Model Number
Input Voltage
Range
Output
Voltage
Min. Load
Full Load
No Load
(3)
Full Load
(2)
Output
(4)
Ripple & Noise
Output
Power
Efficiency
(4)
Maximum
(5)
Capacitive Load
RG12S3.3UW2
3.3 VDC
0mA
500mA
20mA
196mA
30mVp-p
1.65W
74%
3300µF
RG12S5UW2
5 VDC
0mA
400mA
20mA
217mA
30mVp-p
2W
81%
1680µF
RG12S9UW2
9 VDC
0mA
222mA
20mA
222mA
30mVp-p
2W
79%
1000µF
RG12S12UW2
12 VDC
0mA
167mA
20mA
217mA
30mVp-p
2W
81%
820µF
RG12S15UW2
12 VDC
(4.5 – 18 VDC)
15 VDC
0mA
134mA
20mA
209mA
30mVp-p
2W
84%
680µF
RG24S3.3UW2
3.3 VDC
0mA
500mA
10mA
98mA
30mVp-p
1.65W
74%
3300µF
RG24S5UW2
5 VDC
0mA
400mA
10mA
108mA
30mVp-p
2W
81%
1680µF
RG24S9UW2
9 VDC
0mA
222mA
10mA
111mA
30mVp-p
2W
79%
1000µF
RG24S12UW2
12 VDC
0mA
167mA
10mA
104mA
30mVp-p
2W
84%
820µF
RG24S15UW2
24 VDC
(9 – 36 VDC)
15 VDC
0mA
134mA
10mA
104mA
30mVp-p
2W
84%
680µF
RG48S3.3UW2
3.3 VDC
0mA
500mA
7mA
49mA
30mVp-p
1.65W
74%
3300µF
RG48S5UW2
5 VDC
0mA
400mA
7mA
54mA
30mVp-p
2W
81%
1680µF
RG48S9UW2
9 VDC
0mA
222mA
7mA
56mA
30mVp-p
2W
79%
1000µF
RG48S12UW2
12 VDC
0mA
167mA
7mA
54mA
30mVp-p
2W
82%
820µF
RG48S15UW2
48 VDC
(18 – 75 VDC)
15 VDC
0mA
134mA
7mA
54mA
30mVp-p
2W
82%
680µF
DUAL OUTPUT MODELS
Output Current
Input Current
Model Number
Input Voltage
Range
Output
Voltage
Min. Load
Full Load
No Load
(3)
Full Load
(2)
Output
(4)
Ripple & Noise
Output
Power
Efficiency
(4)
Maximum
(5)
Capacitive Load
RG12D5UW2
±5 VDC
0mA
±200mA
25mA
225mA
30mVp-p
2W
78%
±1000µF
RG12D12UW2
±12 VDC
0mA
±83mA
25mA
211mA
30mVp-p
2W
83%
±470µF
RG12D15UW2
12 VDC
(4.5 – 18 VDC)
±15 VDC
0mA
±67mA
25mA
214mA
30mVp-p
2W
82%
±330µF
RG24D5UW2
±5 VDC
0mA
±200mA
10mA
113mA
30mVp-p
2W
78%
±1000µF
RG24D12UW2
±12 VDC
0mA
±83mA
10mA
104mA
30mVp-p
2W
84%
±470µF
RG24D15UW2
24 VDC
(9 – 36 VDC)
±15 VDC
0mA
±67mA
10mA
104mA
30mVp-p
2W
84%
±330µF
RG48D5UW2
±5 VDC
0mA
±200mA
7mA
56mA
30mVp-p
2W
78%
±1000µF
RG48D12UW2
±12 VDC
0mA
±83mA
7mA
53mA
30mVp-p
2W
83%
±470µF
RG48D15UW2
48 VDC
(18 – 75 VDC)
±15 VDC
0mA
±67mA
7mA
53mA
30mVp-p
2W
83%
±330µF



Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com