| データシートサーチシステム |
|
PDSP16488GC データシート(PDF) 15 Page - Mitel Networks Corporation |
|
|
|||||||||||||||||||||||||||||
PDSP16488GC データシート(HTML) 15 Page - Mitel Networks Corporation |
|
15 / 33 page ![]() 15 BIT 7 This bit controls the bypass option on the first line delay on the L7:0 inputs. It is only effective when an 8 bit pixel mode is selected, which also needs more than four line delays. When L7:0 are used as outputs it should always be reset. In the 16-bit modes the bypass function is only controlled by the BYPASS pin, and the bit is redundant. Function Second line delay group fed from the first group Second line delay group fed from L7:0 which become inputs Store pixels to end of line Store pixels till count is reached Frame store operation Not Used No delays on pixel inputs 4 delays on both pixel inputs Use expansion adder Expansion adder disabled Not used Use first delay in second group Bypass first delay in second group Bit 0 0 2:1 2:1 2:1 2:1 3 3 4 4 6:5 7 7 Code 0 1 00 01 10 11 0 1 0 1 0 1 Register C bit allocation (Table 10) BIT 0 If this bit is set, the 20-bit field selected from the 32-bit result, is defined automatically by internal logic. BITS 3:1 These bits are in conjunction with register D, bits 7:5 to define the pixel delay from the HRES input to the DELOP output. They are used to match the appropri- ate processing delay in a particular system. The minimum delay is 29 pixel clocks. BITS 5:4 These bits define which of the four 20-bit fields out of the 32-bit final result is selected as the input to the gain control. They are redundant when the gain control is not used, or if register C, bit 0, is set. BITS 7:6 These bits define the use of the gain control as given in Table 10. Intermediate devices in a multiple device systemmust bypass the gain control block, otherwise the additional pipeline delays will affect the result. Disabling the gain control block will reduce the device pipeline by 13 CLK cycles from the delays shown in Table 6. Table 9 Register B bit functions Table 10 Register C bit functions (continues…) Function Field selection defined by C5:4 Automatic field selection DELOP = 29 0 clocks DELOP = 29 8 clocks DELOP = 29 16 clocks Code 0 1 000 001 010 Bit 0 0 3:1 3:1 3:1 Function DELOP = 29 24 clocks DELOP = 29 32 clocks DELOP = 29 40 clocks DELOP = 29 48 clocks DELOP = 29 56 clocks Select upper 20 bits Select next 20 bits Select next 20 bits Select bottom 20 bits By-pass the gain control Normal gain control output Saturate at max. ve and ve values. Force ve to zero.Sat. ve values. Code 011 100 101 110 111 00 01 10 11 00 01 10 11 Bit 3:1 3:1 3:1 3:1 3:1 5:4 5:4 5:4 5:4 7:6 7:6 7:6 7:6 Table 10 Register C bit functions (continued) Table 11 Register D bit functions Register D bit allocation (Table 11) BIT 0 If this bit is set the expansion data input is delayed by four pixel clocks before it is added to the present convolver output. It is used in multiple device systems when the partial window width is 8 pixels. BIT 1 When this bit is set the internal sum is shifted to the left by 8 places before being added to the expansion input. It is used when two devices are used, each in an 8-bit pixel mode, to construct a 16-bit pixel mode. BITS 3:2 These bits define the delays on both sets of pixel inputs before entering the line stores. The delays are always identical on both sets. BIT 4 When this bit is set the convolver interprets 8 or 16- bit pixels as 2’s complement signed numbers BIT 7:5 These bits add 0 to 7 additional clock delays to those selected by Register C, bits 3:1. Function X15:0 Not delayed X15:0 Delayed Internal sum not shifted Internal sum multiplied by 256 Input to line stores not delayed Input to line stores delayed by 4 Input to line stores delayed by 8 Input to line stores delayed by 12 Unsigned pixel data input 2’s complement pixel data input Add 0 to 7 clock delays to DELOP Bit 0 0 1 1 3:2 3:2 3:2 3:2 4 4 7:5 Code 0 1 0 1 00 01 10 11 0 1 XXX |