データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AP3603 データシート(PDF) 7 Page - Asahi Kasei Microsystems

部品番号 AP3603
部品情報  High Power Dual Output Step-Up DC-DC Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AKM [Asahi Kasei Microsystems]
ホームページ  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP3603 データシート(HTML) 7 Page - Asahi Kasei Microsystems

Back Button AP3603 Datasheet HTML 3Page - Asahi Kasei Microsystems AP3603 Datasheet HTML 4Page - Asahi Kasei Microsystems AP3603 Datasheet HTML 5Page - Asahi Kasei Microsystems AP3603 Datasheet HTML 6Page - Asahi Kasei Microsystems AP3603 Datasheet HTML 7Page - Asahi Kasei Microsystems AP3603 Datasheet HTML 8Page - Asahi Kasei Microsystems AP3603 Datasheet HTML 9Page - Asahi Kasei Microsystems AP3603 Datasheet HTML 10Page - Asahi Kasei Microsystems AP3603 Datasheet HTML 11Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
[AP3603]
015000004-E-02
2015/07
- 7 -
9.
Electrical Characteristics
(V
VDD=12V,Tj=-40~145°C unless otherwise specified.)
Parameter
Symbol
min
typ
max
Unit
Condition
Output Voltage Range
Vout
-
-
60
V
8V Driver Power Source
V8
7.6
8.0
8.3
V
4V Drive Power Source
V4
3.7
4.0
4.2
V
Feedback Voltage
VrefFB
3.51
3.58
3.69
V
Shutdown Current 1
ISDN1
-
-
10
uA
VDD supply, VDD=10~20V,
PWON=0V
Shutdown Current 2
ISDN2
-
-
2
uA
RSP1/2supply, RSP1/2 =10~
36V, PWON=0V
Static Circuit Current1
ISUPPLY1
-
-
3.5
uA
VDD supply
Static Circuit Current2
ISUPPLY2
-
-
250
uA
RSP1/2 supply, RSP1/2 =10~
36V
Power-ON Voltage
VPWON
2.4
-
-
V
Power-OFF Voltage
VPWOFF
-
-
0.6
V
Power-ON Pin Current “H”
IPWONON
-
15
-
uA
VPWON=5V(Input Current)
Power-ON Pin Current “L”
IPWONOFF
-
-
1.5
uA
VPWON=0V(Output Current)
V8 Output Under Voltage
Protection(UVP)
V8UVP
5.0
5.28
5.6
V
V8 UVP Hysteresis
V8UVLOhys
0.2
0.28
0.4
V
RSP Input Under Voltage
Protection(UVP)
RSPUVP
3.5
3.75
4.2
V
RSP Input Under Voltage
Protection Release
RSPUVLO
DIS
4.2
4.5
4.8
V
Soft Start Pin Charge Current
ISSON
8.5
10
11.5
uA
Soft Start Time
TSS
-
12
-
ms
Css=0.1uF
Over Current Detect Voltage
VOCL
80
100
120
mV
Voltage between RSP and
RSN
Output Over Voltage
Protection
OVP
130
139
150
%
Ratio to Reference Voltage of
Feedback
VDD Over Voltage Protection
VDDOVP
21.5
-
-
V
Oscillation Frequency
Fclk
-14
0
14
%
40k~500kHz setting
Dual Phase 80k~1000kHz
External Synchronous Clock
Input Range
Fsync
80
-
120
%
Fclk(typ)Ratio.
External Synchronous Clock
Input threshold
Vsync
0.6
-
2.4
V
External N-channel MOSFET
Switching Time
(Note 4)
Trise
80
100
150
ns
CL=10nF
10%to90%
VVDD=13V
f=250kHz
Tfall
20
55
150
ns
CL=10nF
90%to10%
VVDD=13V
f=250kHz
Minimum On Time
MINON
-
200
-
ns
Minimum Off Time
MINOFF
-
250
-
ns
RMDC>127kΩ
Thermal Protection Operating
Temperature (Note 4,Note 5)
TSD
-
175
-
°C
Thermal Protection Hysteresis
(Note 4,Note 5)
TSDhys
-
15
-
°C
Note 4. Guaranteed by design.
Note 5. This function protects the AP3603 against an overheat situation. However, it does not guarantee the
operation under the condition that the overheat situation beyond the specifications continues.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com