データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AP3603 データシート(PDF) 1 Page - Asahi Kasei Microsystems

部品番号 AP3603
部品情報  High Power Dual Output Step-Up DC-DC Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AKM [Asahi Kasei Microsystems]
ホームページ  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP3603 データシート(HTML) 1 Page - Asahi Kasei Microsystems

  AP3603 Datasheet HTML 1Page - Asahi Kasei Microsystems AP3603 Datasheet HTML 2Page - Asahi Kasei Microsystems AP3603 Datasheet HTML 3Page - Asahi Kasei Microsystems AP3603 Datasheet HTML 4Page - Asahi Kasei Microsystems AP3603 Datasheet HTML 5Page - Asahi Kasei Microsystems AP3603 Datasheet HTML 6Page - Asahi Kasei Microsystems AP3603 Datasheet HTML 7Page - Asahi Kasei Microsystems AP3603 Datasheet HTML 8Page - Asahi Kasei Microsystems AP3603 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
[AP3603]
015000004-E-02
2015/07
- 1 -
1.
General Description
The AP3603 is a dual output step-up DC-DC controller. The output voltage can be set up to 60V by an
external feedback resistor. A wide input range of 6.4V to 20V is available, which is possible to realize a high
power boost source from the battery or the other power sources. The AP3603 supports either 200W×2ch dual
outputs or 400W×1ch dual phase single output. PWM switching frequency is set from 40kHz to 500kHz by
an external resistor. As the protective functions, it has output over voltage protection and over current
protection. The AP3603 is housed in a space-saving 20-pin HTSSOP package.
2.
Features
Input Voltage Range
6.4 to 20V
Oscillation Frequency Setting Range
40k to 500kHz(Set by external resistor)
8V Gate Driver for External N-channel MOSFET(ON resistance : 3Ω)
Over Temperature Protection
Output Over Voltage Protection
Quasi-Foldback Over Current Protection
Accuracy of Feedback Voltage
+3% /-2 % (Tj=-40~145℃)
Dual Output or Dual Phase Single Output Application is Selectable
Package
20-pin HTSSOP
Dual Output Application
Dual Phase Application
Applications
Input
Voltage
Output
Voltage
Output
Current
Output
Power
Circuit
Power Amplifier
12V
20V
CH-1 7.5A
CH-2 7.5A
CH-1 150W
CH-2 150W
Dual Output
Booster
200W class
6.4V
12V
CH-1 17A
CH-2 17A
CH-1 204W
CH-2 204W
Dual Output
Booster
400W class
6.4V
12V
34A
400W
Dual Phase Single Output
High Power Dual Output Step-Up DC-DC Controller
AP3603
1
1
2
2
3
3
4
4
5
5
6
6
D
D
C
C
B
B
A
A
Title
Num ber
Revision
Size
A4
Date:
2014/09/12
Sheet
of
File:
C:\Users\..\AP3603_140912.SchDoc
Drawn By :
Vin
PWON
C1
Vout
L1
R1
R2
L2
R3
R4
C2
C4
C5
C6
C7
C8
C9
R8
R9
R10
R11
D1
D2
M1
M2
R7
R12
V8
FB2
CC2
SS
GND2
PWON
RT
GND1
RSP1
RSP2
RSN1
RSN2
FSYN
DRV1
DRV2
VDD
V4
CC1
FB1
MDC
1
1
2
2
3
3
4
4
5
5
6
6
D
D
C
C
B
B
A
A
Title
Num ber
Revision
Size
A4
Date:
2014/09/12
Sheet
of
File:
C:\Users\..\AP3603do_140912.SchDoc
Drawn By :
Vin
PWON
C1
CH-1 Vout
L1
R1
R2
L2
R3
R4
R5
R6
C2
C3
C4
C5
C6
C7
C8
C9
R8
R9
R10
R11
D1
D2
M1
M2
R7
R12
V8
FB2
CC2
SS
GND2
PWON
RT
GND1
RSP1
RSP2
RSN1
RSN2
FSYN
DRV1
DRV2
VDD
V4
CC1
FB1
MDC
CH-2 Vout


同様の部品番号 - AP3603

メーカー部品番号データシート部品情報
logo
Advanced Power Electron...
AP36016M A-POWER-AP36016M Datasheet
71Kb / 6P
DUAL P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP3601N A-POWER-AP3601N Datasheet
66Kb / 5P
Simple Drive Requirement
logo
BCD Semiconductor Manuf...
AP3602A BCDSEMI-AP3602A Datasheet
296Kb / 17P
100mA REGULATED CHARGE PUMP
logo
Diodes Incorporated
AP3602A DIODES-AP3602A Datasheet
471Kb / 11P
100mA REGULATED CHARGE PUMP
August 2019 Rev. 4 - 2
logo
BCD Semiconductor Manuf...
AP3602AKTR-E1 BCDSEMI-AP3602AKTR-E1 Datasheet
296Kb / 17P
100mA REGULATED CHARGE PUMP
More results

同様の説明 - AP3603

メーカー部品番号データシート部品情報
logo
RICOH electronics devic...
R1211X RICOH-R1211X Datasheet
375Kb / 33P
Step-up DC/DC Controller
Rev. 1.10
logo
Linear Technology
LT1680 LINER-LT1680 Datasheet
322Kb / 16P
High Power DC/DC Step-Up Controller
logo
Maxim Integrated Produc...
MAX863 MAXIM-MAX863 Datasheet
194Kb / 16P
Dual, High-Efficiency, PFM, Step-Up DC-DC Controller
Rev 1; 6/97
logo
RICOH electronics devic...
R1211N002A RICOH-R1211N002A_06 Datasheet
512Kb / 40P
STEP-UP DC/DC CONTROLLER
logo
FOSLINK SEMICONDUCTOR C...
FSP3601 FOSLINK-FSP3601 Datasheet
336Kb / 14P
STEP-UP DC/DC CONTROLLER
logo
Silicon Standard Corp.
SS6630 SSC-SS6630 Datasheet
616Kb / 13P
Step-Up DC/DC Controller
logo
Supertex, Inc
HV9150K6-G SUTEX-HV9150K6-G Datasheet
1Mb / 15P
High Voltage Output Hysteretic Mode Step Up DC/DC Controller
logo
Linear Technology
LT1680 LINER-LT1680_15 Datasheet
228Kb / 16P
High Power DC/DC Step-Up Controller
logo
E-CMOS Corporation
EC9215 E-CMOS-EC9215 Datasheet
1Mb / 15P
Step-up DC/DC Controller
logo
TECHCODE SEMICONDUCTOR,...
TD8215 TECHCODE-TD8215 Datasheet
1Mb / 16P
Step-up DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com