データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

Z86L71 データシート(PDF) 58 Page - Zilog, Inc.

部品番号 Z86L71
部品情報  IR/Low-Voltage Microcontroller
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ZILOG [Zilog, Inc.]
ホームページ  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86L71 データシート(HTML) 58 Page - Zilog, Inc.

Back Button Z86L71 Datasheet HTML 53Page - Zilog, Inc. Z86L71 Datasheet HTML 54Page - Zilog, Inc. Z86L71 Datasheet HTML 55Page - Zilog, Inc. Z86L71 Datasheet HTML 56Page - Zilog, Inc. Z86L71 Datasheet HTML 57Page - Zilog, Inc. Z86L71 Datasheet HTML 58Page - Zilog, Inc. Z86L71 Datasheet HTML 59Page - Zilog, Inc. Z86L71 Datasheet HTML 60Page - Zilog, Inc. Z86L71 Datasheet HTML 61Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 58 / 61 page
background image
Z86L70/71/75/C71
IR/Low-Voltage Microcontroller
Zilog
1-58
P R E L I M I N A R Y
DS97LVO0500
Figure 51. Interrupt Request Register
((0) FAH: Read/Write)
Figure 52. Interrupt Mask Register
((0) FBH: Read/Write)
Figure 53. Flag Register
((0) FCH: Read/Write)
D7
D6
D5
D4
D3
D2
D1
D0
R250 IRQ
Inter Edge
P31
↓ P32 ↓ = 00
P31
↓ P32 ↑ = 01
P31
↑ P32 ↓ = 10
P31
↑↓ P32 ↑↓ = 11
IRQ0 = P32 Input
IRQ1 = P33 Input
IRQ2 = P31 Input
IRQ3 = T16_OUT
IRQ4 = T8_OUT
Reserved (Must be 0)
Default Setting After Reset = 0000 0000
D7 D6
D5
D4
D3
D2
D1
D0
Reserved (Must be 0)
1 Enables IRQ4-IRQ0
(D0 = IRQ0)
0 Master Interrupt Disable*
1 Master Interrupt Enable
R251 IMR
* Default Setting After Reset
Reserved (Must be 0)
D7 D6 D5 D4 D3 D2 D1 D0
User Flag F1
User Flag F2
Half Carry Flag
Decimal Adjust Flag
Overflow Tag
Sign Flag
Zero Flag
Carry Flag
R252 FLAGS
Figure 54. Register Pointer
((0) FDH: Read/Write)
Figure 55. Stack Pointer High
((0) FEH: Read/Write)
Figure 56. Stack Pointer Low
((0) FFH: Read/Write)
D7 D6 D5 D4 D3 D2 D1 D0
Expanded Register
Pointer
Working Register
Pointer
R253 RP
Default Setting After
Reset = 0000 0000
D7 D6 D5 D4 D3 D2 D1 D0
Stack Pointer Upper
Byte (SP15-SP8)
R254 SPH
D7 D6 D5 D4 D3 D2 D1 D0
Stack Pointer Lower
Byte (SP7-SP0)
R255 SPL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61