データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMV321M7/NOPB データシート(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
部品番号 LMV321M7/NOPB
部品情報  Operational Amplifiers
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LMV321M7/NOPB データシート(HTML) 17 Page - Texas Instruments

Back Button LMV321M7/NOPB Datasheet HTML 13Page - Texas Instruments LMV321M7/NOPB Datasheet HTML 14Page - Texas Instruments LMV321M7/NOPB Datasheet HTML 15Page - Texas Instruments LMV321M7/NOPB Datasheet HTML 16Page - Texas Instruments LMV321M7/NOPB Datasheet HTML 17Page - Texas Instruments LMV321M7/NOPB Datasheet HTML 18Page - Texas Instruments LMV321M7/NOPB Datasheet HTML 19Page - Texas Instruments LMV321M7/NOPB Datasheet HTML 20Page - Texas Instruments LMV321M7/NOPB Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 52 page
background image
LMV321-N, LMV321-N-Q1, LMV358-N
LMV358-N-Q1, LMV324-N, LMV324-N-Q1
www.ti.com
SNOS012J – AUGUST 2000 – REVISED DECEMBER 2014
Overview (continued)
Figure 46. Output Swing of LMV324
Figure 47. Output Swing of LM324
8.2 Functional Block Diagram
Figure 48. Each Amplifier
8.3 Feature Description
8.3.1 Capacitive Load Tolerance
The LMV321-N/LMV358-N/LMV324-N can directly drive 200 pF in unity-gain without oscillation. The unity-gain
follower is the most sensitive configuration to capacitive loading. Direct capacitive loading reduces the phase
margin of amplifiers. The combination of the amplifier's output impedance and the capacitive load induces phase
lag. This results in either an underdamped pulse response or oscillation. To drive a heavier capacitive load, the
circuit in Figure 49 can be used.
Figure 49. Indirectly Driving a Capacitive Load Using Resistive Isolation
In Figure 49 , the isolation resistor RISO and the load capacitor CL form a pole to increase stability by adding more
phase margin to the overall system. The desired performance depends on the value of RISO. The bigger the RISO
resistor value, the more stable VOUT will be. Figure 50 is an output waveform of Figure 49 using 620Ω for RISO
and 510 pF for CL..
Copyright © 2000–2014, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LMV321-N LMV321-N-Q1 LMV358-N LMV358-N-Q1 LMV324-N LMV324-N-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52