データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMV321M7/NOPB データシート(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
部品番号 LMV321M7/NOPB
部品情報  Operational Amplifiers
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LMV321M7/NOPB データシート(HTML) 29 Page - Texas Instruments

Back Button LMV321M7/NOPB Datasheet HTML 25Page - Texas Instruments LMV321M7/NOPB Datasheet HTML 26Page - Texas Instruments LMV321M7/NOPB Datasheet HTML 27Page - Texas Instruments LMV321M7/NOPB Datasheet HTML 28Page - Texas Instruments LMV321M7/NOPB Datasheet HTML 29Page - Texas Instruments LMV321M7/NOPB Datasheet HTML 30Page - Texas Instruments LMV321M7/NOPB Datasheet HTML 31Page - Texas Instruments LMV321M7/NOPB Datasheet HTML 32Page - Texas Instruments LMV321M7/NOPB Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 52 page
background image
LMV321-N, LMV321-N-Q1, LMV358-N
LMV358-N-Q1, LMV324-N, LMV324-N-Q1
www.ti.com
SNOS012J – AUGUST 2000 – REVISED DECEMBER 2014
Typical Applications (continued)
Figure 65. Pulse Generator
Figure 66 is a squarewave generator with the same path for charging and discharging the capacitor.
Figure 66. Squarewave Generator
9.2.8 Current Source and Sink
The LMV321-N/LMV358-N/LMV324-N can be used in feedback loops which regulate the current in external PNP
transistors to provide current sources or in external NPN transistors to provide current sinks.
9.2.8.1 Fixed Current Source
A multiple fixed current source is shown in Figure 67. A voltage (VREF = 2V) is established across resistor R3 by
the voltage divider (R3 and R4). Negative feedback is used to cause the voltage drop across R1 to be equal to
VREF. This controls the emitter current of transistor Q1 and if we neglect the base current of Q1 and Q2,
essentially this same current is available out of the collector of Q1.
Large input resistors can be used to reduce current loss and a Darlington connection can be used to reduce
errors due to the
β of Q1.
The resistor, R2, can be used to scale the collector current of Q2 either above or below the 1 mA reference value.
Copyright © 2000–2014, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Links: LMV321-N LMV321-N-Q1 LMV358-N LMV358-N-Q1 LMV324-N LMV324-N-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52