データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

80C32EBAA データシート(PDF) 58 Page - NXP Semiconductors

部品番号 80C32EBAA
部品情報  CMOS single-chip 8-bit microcontrollers
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

80C32EBAA データシート(HTML) 58 Page - NXP Semiconductors

Back Button 80C32EBAA Datasheet HTML 54Page - NXP Semiconductors 80C32EBAA Datasheet HTML 55Page - NXP Semiconductors 80C32EBAA Datasheet HTML 56Page - NXP Semiconductors 80C32EBAA Datasheet HTML 57Page - NXP Semiconductors 80C32EBAA Datasheet HTML 58Page - NXP Semiconductors 80C32EBAA Datasheet HTML 59Page - NXP Semiconductors 80C32EBAA Datasheet HTML 60Page - NXP Semiconductors 80C32EBAA Datasheet HTML 61Page - NXP Semiconductors 80C32EBAA Datasheet HTML 62Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 58 / 62 page
background image
Philips Semiconductors
Product specification
80C52/80C54/80C58
CMOS single-chip 8-bit microcontrollers
1996 Aug 16
28
80C58 ROM CODE SUBMISSION
When submitting ROM code for the 80C58, the following must be specified:
1. 32k byte user ROM data
2. 64 byte ROM encryption key
3. ROM security bits.
If submitting a file, the format is as follows:
ADDRESS
CONTENT
BIT(S)
COMMENT
0000H to 7FFFH
DATA
7:0
User ROM Data
8000H to 801FH
KEY
7:0
ROM Encryption Key
FFH = no encryption
8020H
SEC
0
ROM Security Bit 1
0 = enable security
1 = disable security
8020H
SEC
1
ROM Security Bit 2
0 = enable security
1 = disable security
Security Bit 1: When programmed, this bit has two effects on masked ROM parts:
1. External MOVC is disabled, and
2. EA is latched on Reset.
Security Bit 2: When programmed, this bit inhibits Verify User ROM.
If the ROM code file does not include the options, the following information must be included with the ROM code.
For each of the following check the appropriate box and send to Philips along with the code:
Security Bit #1:
V Enabled
V Disabled
Security Bit #2:
V Enabled
V Disabled
Encryption:
V No
V Yes
If Yes, must send key file.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62