| データシートサーチシステム |
|
H7CX-R11W-N データシート(PDF) 17 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
H7CX-R11W-N データシート(HTML) 17 Page - Omron Electronics LLC |
|
17 / 56 page ![]() H7CX-A @-N 17 Counter (9999 × 1000 times) (0 × 1000 times) (OFST) (ABS) (KP-1) (KP-2) (KP-3) (KP-4) (KP-5) (KP-6) (KP-7) (9999 × 1000 times) (0 × 1000 times) (9999 × 1000 times) (0 × 1000 times) 9999 0 9999 0 9999 0 ( 9999) ( 1) 9999 1 ( 9999) ( 1) 9999 1 ( 9999) ( 1) 9999 1 ofst abs kp-1 kp-2 kp-3 kp-4 kp-5 kp-6 kp-7 (ON) (OFF) on off *8 Note: 1 to 999999 for 6-digit models *8 Set each digit using the individual U (D) Keys. Note: The monitor value is only displayed. It cannot be set. Forecast setting upper limit (PL-H) Key protect level (KYPT) From previous page To previous page Output ON count alarm set value/monitor value • Make the absolute value setting and forecast setting using the U (D) Keys. • Set each digit using the individual U (D) Keys. • Set each digit using the individual U (D) Keys. • Set the key protect level using the U (D) Keys. Procedure for Models Other than “- @W@” Models Output ON count alarm set value Output ON count monitor value Output 1 (OUT1) ON count alarm set value Absolute value setting/forecast value setting (SETM) Set value upper limit (SL-H) Note: 1 to 999999 for 6-digit models. Note: 1 to 999999 for 6-digit models. Note: Displayed only when the output mode is set to bcnt. • Set each digit using the individual U (D) Keys. Procedure for “- @W@” Models Note: The monitor value is only displayed. It cannot be set. Note: The monitor value is only displayed. It cannot be set. Output 2 (OUT2) ON count alarm set value Output 1 (OUT1) ON count monitor value Output 2 (OUT2) ON count monitor value Batch count upper limit (BL-H) Note: Displayed only when the configuration selection mode is set to the 2-stage function 2cnt. Note: Displayed only when the configuration selection mode is set to the 2-stage function 2cnt and a forecast value is set. Output allocation change Note: Displayed only for "-AU @" models. off: Output 1 = 12, 13, Output 2 = 3, 4, 5 on: Output 1 = 3, 4, 5, Output 2 = 12, 13 The numbers are the terminals numbers. |