| データシートサーチシステム |
|
H7CX-R11W-N データシート(PDF) 49 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
H7CX-R11W-N データシート(HTML) 49 Page - Omron Electronics LLC |
|
49 / 56 page ![]() H7CX-R @-N 49 Output Mode Settings Models Other Than H7CX-R11W @ in Tachometer Mode Models Other Than H7CX-R11W @ in AMD-compatible Mode Note: If time “a” is exceeded during operation, the output will turn ON. If time “b” is exceeded during operation, the output will turn OFF. (If average processing is enabled, the output operation will be performed when the time is exceeded once.) H7CX-R11W @ Output mode setting Operation Upper and lower limit ON condition: Measurement value ≤ Comparison value 1 or Measurement value ≥ Comparison value 2 Note: When comparison value 1 ≥ Comparison value 2, the output isalways ON regardless of the comparison value. Area Upper limit ON condition: Measurement value ≥ Comparison value Lower limit ON condition: Measurement value ≤ Comparison value OUT Measurement value Comparison value 2 (Upper-limit) Comparison value 1 (Lower-limit) Condi- tion Comparison value 1 ≤ Comparison value 2 Comparison value 1 > Comparison value 2 ON con- dition Comparison value 1 ≤ measurement value ≤ Comparison value 2 Comparison value 2 ≤ measurement value ≤ Comparison value 1 OUT Measurement value Comparison value 2 Comparison value 1 OUT Comparison value (Upper-limit) Measurement value OUT Measurement value Comparison value (Lower-limit) Output mode setting Operation Upper and lower limit ON condition: Measurement value < Comparison value 1 or Measurement value ≥ Comparison value 2 Note: When comparison value 1 ≥ comparison value 2, the output isalways ON regardless of the comparison value. Area Upper limit ON condition: Measurement value ≥ Comparison value Lower limit ON condition: Measurement value < Comparison value OUT Measurement value Comparison value 2 (Upper-limit) Comparison value 1 (Lower-limit) a Condi- tion Comparison value 1 ≤ Comparison value 2 Comparison value 1 > Comparison value 2 ON con- dition Comparison value 1 ≤ measurement value < Comparison value 2 Comparison value 2 ≤ measurement value < Comparison value 1 OUT Measurement value Comparison value 2 Comparison value 1 b a OUT Comparison value (Upper-limit) Measurement value b Measurement value Comparison value (Lower-limit) OUT Output mode setting Operation Upper limit (HI) Lower limit (LO) OUT1 CP1 display value Comparison value 1 OUT2 CP2 display value Comparison value 2 ON condition for output 1: CP1 present value (display value) ≥ Comparison value 1 ON condition for output 2: CP2 present value (display value) ≥ Comparison value 2 Output 1 Output 2 OUT1 CP1 display value Comparison value 1 OUT2 CP2 display value Comparison value 2 ON condition for output 1: CP1 present value (display value) ≤ Comparison value 1 ON condition for output 2: CP2 present value (display value) ≤ Comparison value 2 Output 1 Output 2 |