データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS3644 データシート(PDF) 3 Page - ams AG

部品番号 AS3644
部品情報  Ultra Small Low Cost 320mA Inductive White LED Flash Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMSCO [ams AG]
ホームページ  http://www.ams.com
Logo AMSCO - ams AG

AS3644 データシート(HTML) 3 Page - ams AG

  AS3644 Datasheet HTML 1Page - ams AG AS3644 Datasheet HTML 2Page - ams AG AS3644 Datasheet HTML 3Page - ams AG AS3644 Datasheet HTML 4Page - ams AG AS3644 Datasheet HTML 5Page - ams AG AS3644 Datasheet HTML 6Page - ams AG AS3644 Datasheet HTML 7Page - ams AG AS3644 Datasheet HTML 8Page - ams AG AS3644 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
www.austriamicrosystems.com/AS3644
1.2.2
2 - 23
AS3644
Datasheet - P i n o u t
4 Pinout
Pin Assignment
Figure 2. Pin Assignments (Top View)
Pin Description
Table 1. Pin Description for AS3644
Pin Number
Pin Name
Description
A1
SW
DCDC converter switching node - make a short connection to the coil LDCDC
A2
GND
Power and signal ground - connect to GND and make a short connection to
CVOUT
B1
LED_OUT
Flash LED current source output
B2
VOUT
DCDC converter output capacitor and supply for AS3644 - make a short
connection to CVOUT
C1
SCL
serial clock input in I
2C interface
C2
SDA
serial data input/output for I
2C interface (needs external pullup resistor)












 








 


AS3644
AS3644



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24