| データシートサーチシステム |
|
PS081 データシート(PDF) 67 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
PS081 データシート(HTML) 67 Page - ams AG |
|
67 / 155 page ![]() acam-messelectronic gmbh - Friedrich-List-Str.4 - D-76297 Stutensee-Blankenloch - Germany - www.acam.de 4-10 1 PSØ81 4.2.5 Connecting Schemes LCD driver ignores the upper 2 digits in 2x multiplex and the upper digit in 3x multiplex. The special characters in 3x and 4x multiplex will not be changed (lcd_segment[55:48]). In 2x multiplex the com- ma of the display might be used for special characters. In this case they must be restored after the conversion. Note: It is necessary to inform the LCD driver separately about new data in the LCD register 13 to 15. This is done by opcode newlcd. Code snippet: ramadr 20 ; HB0 result move x , r ; Load x-accumulator with the result move y , 2 ; Load y-accumulator with the comma position no2lcd ; Convert into 7-Segment display format newlcd ; Update LCD clrwdt ; Set back the watchdog stop ; Stop the µC Figure 4.6 4-MUX (¼ duty) 4.2.5.1 4-MUX (¼ duty) Member of the ams Group |