データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PS081 データシート(PDF) 39 Page - ams AG

部品番号 PS081
部品情報  Single Chip Solution for Strain Gauges
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMSCO [ams AG]
ホームページ  http://www.ams.com
Logo AMSCO - ams AG

PS081 データシート(HTML) 39 Page - ams AG

Back Button PS081 Datasheet HTML 35Page - ams AG PS081 Datasheet HTML 36Page - ams AG PS081 Datasheet HTML 37Page - ams AG PS081 Datasheet HTML 38Page - ams AG PS081 Datasheet HTML 39Page - ams AG PS081 Datasheet HTML 40Page - ams AG PS081 Datasheet HTML 41Page - ams AG PS081 Datasheet HTML 42Page - ams AG PS081 Datasheet HTML 43Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 155 page
background image
acam-messelectronic gmbh - Friedrich-List-Str.4 - D-76297 Stutensee-Blankenloch - Germany - www.acam.de
3-16
1
PSØ81
on only for the sequence. This mode offers the lowest current consumption and is best choice for
body scales.
Pure Single Conversion Mode should be used only in mechanically stable systems like body scales,
because it implies undersampling. The consequence of undersampling is that mechanical oscillations
of the weighing system will end up in unstable data.
3.5.3
Stretched Mode
Streched Mode combines the advantage of a few measurements (to save current) and a reasonable
distribution of these measurements for avoiding undersampling. Hence, the discharge cycles are
stretched in a way that the total number is not increased but the distribution is improved.
3.5.3.1
Stretched Continuous Mode
Figure 3.18 Stretched continuous mode
Stretched Conitnuous Mode combines stretched mode and continuous mode. There are longer inter-
vals between the discharge time measurements for the half bridges. The oscillator is activated only
for each half bridge measurement.
This mode is used in applications that target high resolution at low current (< 500 µA). It also has
a good frequency response (e.g. load cell vibrations) on the input signal. The response can easily be
calculated by the Nyquist theorem. This mode together with a good software anti-vibration filter gives
best vibration suppression at lowest current. This mode is recommended e.g. for battery driven solar
kitchen scales.
Member of the ams Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More