| データシートサーチシステム |
|
SL13A データシート(PDF) 13 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
SL13A データシート(HTML) 13 Page - ams AG |
|
13 / 49 page ![]() ams Datasheet: 2014-May-06 [v1-01] SL13A – 13 Stat e Diagram Figure 11: State Transition Diagram Request Command Structure All commands, the standard ISO15693 and the cool-Log™ commands, have the same structure. All fields are sent LSbit first. Figure 12: Request Command Structure SOF Flags Command Code Parameters / Data CRC EOF 8 bits 8 bits n*8 bits 16 bits State Diagram Execution of SPI Commands Temperature measurement. Battery measurement. Limits comparison. Log to EEPROM. READER REQUEST: INVENTORY STAY-QUIET READ-BLOCK READ-BLOCKS WRITE-BLOCK LOCK-BLOCK WRITE-AFI LOCK-AFI WRITE-DSFID LOCK-DSFID RESET-TO-READY GET-SYS-INFO SET-PW SET-LOG-MODE SET-LOG-LIMITS GET-MEAS-SETUP SET-EXT-CAL-DATA SET-INT-CAL-DATA SET-PASSIVE GET-LOG-STATE GET-CAL-DATA GET-BAT-LEVEL VERIFY-PW INITIALIZE GET-TEMPERATURE Passive Logging Active Ready Serial READER REQUEST: INVENTORY STAY-QUIET READ-BLOCK READ-BLOCKS WRITE-BLOCK LOCK-BLOCK WRITE-AFI LOCK-AFI WRITE-DSFID LOCK-DSFID RESET-TO-READY GET-SYS-INFO SET-PW SET-LOG-MODE SET-LOG-LIMITS GET-MEAS-SETUP SET-EXT-CAL-DATA SET-INT-CAL-DATA START-LOG GET-LOG-STATE GET-CAL-DATA GET-BAT-LEVEL VERIFY-PW INITIALIZE GET-TEMPERATURE NO YES YES YES NO NO RF-off SET-PASSIVE START-LOG LOG-FINISHED LOG- TIMER CE ? CE ? RF ? Commands |