| データシートサーチシステム |
|
SL13A データシート(PDF) 39 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
SL13A データシート(HTML) 39 Page - ams AG |
|
39 / 49 page ![]() ams Datasheet: 2014-May-06 [v1-01] SL13A – 39 Appl icatio ns Passive Mode Figure 29 shows a typical application without battery (passive mode). The SL13A chip also works in passive mode with no battery, without the real-time clock function. This approach is intended for applications in which a reader initiates the logging and time-stamps the logging data. The chip controls whether it takes data from internal or external sensors. Access to the smart label chip is protected through a 3-level password authentication. Users can add other types of external sensors to monitor shock control, humidity, or other factors. Figure 29: Typical Passive Mode Application VEXT VBAT VSS ANT1 ANT2 DIN CLK CE Optional External Sensor Antenna Coil SEXT TEST DOUT 3 16 11 15 14 10 6 5 12 1 2 |