| データシートサーチシステム |
|
TAS5731MPHPR データシート(PDF) 33 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TAS5731MPHPR データシート(HTML) 33 Page - Texas Instruments |
|
33 / 81 page ![]() S Z –1 Alpha Filter Structure w a B0265-04 a w , T a w a, a d d / , a w DRC1 DRC2 0x3C 0x3B 0x40 0x43 0x3E 0x3F Input Level (dB) T M0091-04 1:1 TransferFunction Implemented TransferFunction TAS5731M www.ti.com SLOS838C – JULY 2013 – REVISED AUGUST 2015 Feature Description (continued) 9.3.11 Dynamic Range Control (DRC) The DRC scheme has two DRC blocks. There is one ganged DRC for the high-band left/right channels and one DRC for the low-band left/right channels. The DRC input/output diagram is shown in Figure 55. Professional-quality dynamic range compression automatically adjusts volume to flatten volume level. • Each DRC has adjustable threshold levels. • Programmable attack and decay time constants • Transparent compression: compressors can attack fast enough to avoid apparent clipping before engaging, and decay times can be set slow enough to avoid pumping. Figure 55. Dynamic Range Control T = 9.23 format, all other DRC coefficients are 3.23 format Figure 56. DRC Structure Copyright © 2013–2015, Texas Instruments Incorporated Submit Documentation Feedback 33 Product Folder Links: TAS5731M |