| データシートサーチシステム |
|
EM341-RTR データシート(PDF) 65 Page - Silicon Laboratories |
|
|
|||||||||||||||||||||||||||||
EM341-RTR データシート(HTML) 65 Page - Silicon Laboratories |
|
65 / 237 page ![]() EM341 66 Rev 1.0 Address: 0x4000A814 Reset: 0x0 Address: 0x4000BC00 Reset: 0x10 Register 7.11. INT_GPIOFLAG: GPIO Interrupt Flag Register Bit 31 30 29 28 27 26 25 24 Name 0 0 0 0 0 0 0 0 Bit 23 22 21 20 19 18 17 16 Name 0 0 0 0 0 0 0 0 Bit 15 14 13 12 11 10 9 8 Name 0 0 0 0 0 0 0 0 Bit 7 6 5 4 3 2 1 0 Name 0 0 0 0 INT_IRQDFLAG INT_IRQCFLAG INT_IRQBFLAG INT_IRQAFLAG Bitname Bitfield Access Description INT_IRQDFLAG [3] RW IRQD interrupt pending. Write 1 to clear IRQD interrupt (writing 0 has no effect). INT_IRQCFLAG [2] RW IRQC interrupt pending. Write 1 to clear IRQC interrupt (writing 0 has no effect). INT_IRQBFLAG [1] RW IRQB interrupt pending. Write 1 to clear IRQB interrupt (writing 0 has no effect). INT_IRQAFLAG [0] RW IRQA interrupt pending. Write 1 to clear IRQA interrupt (writing 0 has no effect). Register 7.12. GPIO_DBGCFG: GPIO Debug Configuration Register Bit 31 30 29 28 27 26 25 24 Name 0 0 0 0 0 0 0 0 Bit 23 22 21 20 19 18 17 16 Name 0 0 0 0 0 0 0 0 Bit 15 14 13 12 11 10 9 8 Name 0 0 0 0 0 0 0 0 Bit 7 6 5 4 3 2 1 0 Name 0 0 GPIO_DEBUGDIS GPIO_EXTREGEN GPIO_DBGCFGRSVD 0 0 0 Bitname Bitfield Access Description GPIO_DEBUGDIS [5] RW Disable debug interface override of normal GPIO configuration. 0: Permit debug interface to be active. 1: Disable debug interface (if it is not already active). GPIO_EXTREGEN [4] RW Enable REG_EN override of PA7's normal GPIO configuration. 0: Disable override. 1: Enable override. GPIO_DBGCFGRSVD [3] RW Reserved: this bit can change during normal operation. When writing to GPI- O_DBGCFG, the value of this bit must be preserved. |