データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EM341-RTR データシート(PDF) 11 Page - Silicon Laboratories

部品番号 EM341-RTR
部品情報  High-Performance, Integrated RF4CE System-on-Chip
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM341-RTR データシート(HTML) 11 Page - Silicon Laboratories

Back Button EM341-RTR Datasheet HTML 7Page - Silicon Laboratories EM341-RTR Datasheet HTML 8Page - Silicon Laboratories EM341-RTR Datasheet HTML 9Page - Silicon Laboratories EM341-RTR Datasheet HTML 10Page - Silicon Laboratories EM341-RTR Datasheet HTML 11Page - Silicon Laboratories EM341-RTR Datasheet HTML 12Page - Silicon Laboratories EM341-RTR Datasheet HTML 13Page - Silicon Laboratories EM341-RTR Datasheet HTML 14Page - Silicon Laboratories EM341-RTR Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 237 page
background image
EM341
Rev 1.0
11
Figure 2.1 shows the variation of current in transmit mode (with the ARM® CortexTM-M3 running at 12 MHz).
Figure 2.1. Transmit Power Consumption



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More