データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EM341-RTR データシート(PDF) 106 Page - Silicon Laboratories

部品番号 EM341-RTR
部品情報  High-Performance, Integrated RF4CE System-on-Chip
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM341-RTR データシート(HTML) 106 Page - Silicon Laboratories

Back Button EM341-RTR Datasheet HTML 102Page - Silicon Laboratories EM341-RTR Datasheet HTML 103Page - Silicon Laboratories EM341-RTR Datasheet HTML 104Page - Silicon Laboratories EM341-RTR Datasheet HTML 105Page - Silicon Laboratories EM341-RTR Datasheet HTML 106Page - Silicon Laboratories EM341-RTR Datasheet HTML 107Page - Silicon Laboratories EM341-RTR Datasheet HTML 108Page - Silicon Laboratories EM341-RTR Datasheet HTML 109Page - Silicon Laboratories EM341-RTR Datasheet HTML 110Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 237 page
background image
EM341
Rev 1.0
107
SC1_RXENDB: Address: 0x4000C80C Reset: 0x20000000
SC2_RXENDB: Address: 0x4000C00C Reset: 0x20000000
Register 8.27. SCx_RXENDB
SC1_RXENDB: Receive DMA End Address Register B
SC2_RXENDB: Receive DMA End Address Register B
Bit
31
30
29
28
27
26
25
24
Name
0
0
1
0
0
0
0
0
Bit
23
22
21
20
19
18
17
16
Name
0
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
Name
0
0
SC_RXENDB
Bit
7
6
5
4
3
2
1
0
Name
SC_RXENDB
Bitname
Bitfield Access
Description
SC_RXENDB
[13:0]
RW
Address of the last byte that will be written in the DMA receive buffer B.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More