データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EM341-RTR データシート(PDF) 119 Page - Silicon Laboratories

部品番号 EM341-RTR
部品情報  High-Performance, Integrated RF4CE System-on-Chip
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM341-RTR データシート(HTML) 119 Page - Silicon Laboratories

Back Button EM341-RTR Datasheet HTML 115Page - Silicon Laboratories EM341-RTR Datasheet HTML 116Page - Silicon Laboratories EM341-RTR Datasheet HTML 117Page - Silicon Laboratories EM341-RTR Datasheet HTML 118Page - Silicon Laboratories EM341-RTR Datasheet HTML 119Page - Silicon Laboratories EM341-RTR Datasheet HTML 120Page - Silicon Laboratories EM341-RTR Datasheet HTML 121Page - Silicon Laboratories EM341-RTR Datasheet HTML 122Page - Silicon Laboratories EM341-RTR Datasheet HTML 123Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 237 page
background image
EM341
120
Rev 1.0
When a UEV occurs, the update flag (the INT_TIMUIF bit in the INT_TIMxFLAG register) is set (unless TIM_URS
is 1) and the following registers are updated:

The prescaler shadow register is reloaded with the buffer value (contents of the TIMx_PSC register).

The auto-reload active register is updated with the buffer value (contents of the TIMx_ARR register). If the
update source is a counter overflow, the auto-reload is updated before the counter is reloaded, so that the
next period is the expected one. The counter is loaded with the new value.
Figures 9.9, 9.10, and 9.11 show some examples of the counter behavior for different clock frequencies.
Figure 9.9. Counter Timing Diagram, Internal Clock Divided by 1, TIMx_ARR = 0x6
Figure 9.10. Counter Timing Diagram, Update Event with TIM_ARBE = 1 (Counter Underflow)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More