| データシートサーチシステム |
|
EM346-RTR データシート(PDF) 67 Page - Silicon Laboratories |
|
|
|||||||||||||||||||||||||||||
EM346-RTR データシート(HTML) 67 Page - Silicon Laboratories |
|
67 / 142 page ![]() EM346 68 Rev 1.0 8. Serial Controllers 8.1. Overview The EM346 has one serial controller, SC1, which provides several options for full-duplex synchronous and asynchronous serial communications. SPI (Serial Peripheral Interface), slave only UART (Universal Asynchronous Receiver/Transmitter) Receive and transmit FIFOs and DMA channels, SPI and UART modes Receive and transmit FIFOs allow faster data speeds using byte-at-a-time interrupts. For the highest SPI and UART speeds, dedicated receive and transmit DMA channels reduce CPU loading and extend the allowable time to service a serial controller interrupt. Polled operation is also possible using direct access to the serial data registers. Figure 8.1 shows the components of the serial controllers. Figure 8.1. Serial Controller Block Diagram SC 1 _ UARTSTAT SC1 _ SPISTAT SC1 _ SPICFG SC1 _ RATELIN / EXP SC 1 _ UARTPER / FRAC Baud Generator Clock Generator UART Controller SC1 _ DATA UAR T SPI OFF SC1 _ MODE 0 1 2 nRTS nCTS SCLK MOSI MISO TXD RXD RX - FIFO TX- FIFO SC1 _TX / RXBEGA /B SC1 _ RXCNTA /B SC1 _ TXCNT SC1 _ DMASTAT SC1 _ DMACTRL SC1 _ RXERRA /B DMA Controller INT _ SC1FLAG INT _ SC1CFG SC 1 _ UARTCFG SC1 Interrupt SC1 TX DMA channel SC1 RX DMA channel SC1 _TX / RXENDA /B SPI Slave Controller nSSEL SC1 _ RXCNTSAVED SC 1 only |