データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EM346-RTR データシート(PDF) 72 Page - Silicon Laboratories

部品番号 EM346-RTR
部品情報  High-Performance, Integrated Dual ZigBee PRO
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM346-RTR データシート(HTML) 72 Page - Silicon Laboratories

Back Button EM346-RTR Datasheet HTML 68Page - Silicon Laboratories EM346-RTR Datasheet HTML 69Page - Silicon Laboratories EM346-RTR Datasheet HTML 70Page - Silicon Laboratories EM346-RTR Datasheet HTML 71Page - Silicon Laboratories EM346-RTR Datasheet HTML 72Page - Silicon Laboratories EM346-RTR Datasheet HTML 73Page - Silicon Laboratories EM346-RTR Datasheet HTML 74Page - Silicon Laboratories EM346-RTR Datasheet HTML 75Page - Silicon Laboratories EM346-RTR Datasheet HTML 76Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 142 page
background image
EM346
Rev 1.0
73
SC1_INTMODE: Address: 0x4000A854 Reset: 0x0
Register 8.4. SC1_INTMODE: Serial Controller 1 Interrupt Mode Register
Bit
31
30
29
28
27
26
25
24
Name
0
0
0
0
0
0
0
0
Bit
23
22
21
20
19
18
17
16
Name
0
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
Name
0
0
0
0
0
0
0
0
Bit
7
6
5
4
3
2
1
0
Name
0
0
0
0
0
SC_TXIDLELEVEL SC_TXFREELEVEL SC_RXVALLEVEL
Bitname
Bitfield
Access
Description
SC_TXIDLELEVEL
[2]
RW
Transmitter idle interrupt mode - 0: edge triggered, 1: level triggered.
SC_TXFREELEVEL
[1]
RW
Transmit buffer free interrupt mode - 0: edge triggered, 1: level triggered.
SC_RXVALLEVEL
[0]
RW
Receive buffer has data interrupt mode - 0: edge triggered, 1: level triggered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More