データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LAN9730 データシート(PDF) 25 Page - Microchip Technology

部品番号 LAN9730
部品情報  High-Speed Inter-Chip USB 2.0 to 10/100 Ethernet Controller
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9730 データシート(HTML) 25 Page - Microchip Technology

Back Button LAN9730 Datasheet HTML 21Page - Microchip Technology LAN9730 Datasheet HTML 22Page - Microchip Technology LAN9730 Datasheet HTML 23Page - Microchip Technology LAN9730 Datasheet HTML 24Page - Microchip Technology LAN9730 Datasheet HTML 25Page - Microchip Technology LAN9730 Datasheet HTML 26Page - Microchip Technology LAN9730 Datasheet HTML 27Page - Microchip Technology LAN9730 Datasheet HTML 28Page - Microchip Technology LAN9730 Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 222 page
background image
 2012-2015 Microchip Technology Inc.
DS00001946A-page 25
LAN9730/LAN9730i
2.1
Pin Assignments
Note 2-2
This pin provides additional PME-related functionality. Refer to the respective pin descriptions and
Chapter 5.0, "PME Operation" for additional information.
TABLE 2-8:
56-VQFN PACKAGE PIN ASSIGNMENTS
Pin
Num
Pin Name
Pin
Num
Pin Name
Pin
Num
Pin Name
Pin
Num
Pin Name
1
nPHY_INT
15
VDD33A
29
EECLK
43
TXEN
2
TXN
16
USBRBIAS
30
EECS
44
RXER
3
TXP
17
VDD12USBPLL
31
EEDO/
AUTOMDIX_EN
45
CRS/GPIO3
4
VDD33A
18
XI
32
EEDI
46
COL/GPIO0
Note 2-2
5
RXN
19
XO
33
TEST1
47
TXCLK
6
RXP
20
SLEW_TUNE
34
PHY_SEL
48
VDD33IO
7
EXRES
21
VDD12CORE
35
VDD33IO
49
CORE_REG_EN
8
VDD33A
22
MDC/GPIO2
36
nTRST/RXD0
50
VDD12CORE
9
VDD12PLL
23
MDIO/GPIO1
Note 2-2
37
TDO/nPHY_RST
51
VDD33IO
10
HSIC_DATA
24
nRESET
Note 2-2
38
TCK/RXD1
52
VDD33IO
11
HSIC_STROBE
25
VDD33IO
39
TMS/RXD2
53
TXD3/GPIO7/
50DRIVER_EN
12
VDD12A
26
nFDX_LED/
GPIO8
40
TDI/RXD3
54
TXD2/GPIO6/
PORT_SWAP
13
TEST2
27
nLNKA_LED/
GPIO9
Note 2-2
41
RXCLK
55
TXD1/GPIO5/
RMT_WKP
14
TXER
28
nSPD_LED/
GPIO10
Note 2-2
42
RXDV
56
TXD0/GPIO4/
EEP_DISABLE
EXPOSED PAD
MUST BE CONNECTED TO VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More