| データシートサーチシステム |
|
SIO1007 データシート(PDF) 92 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
SIO1007 データシート(HTML) 92 Page - Microchip Technology |
|
92 / 108 page ![]() SIO1007 DS00002020A-page 92 2005 - 2015 Microchip Technology Inc. FIGURE 20-5: OUTPUT TIMING MEASUREMENT CONDITIONS, LPC SIGNALS Name Description MIN TYP MAX Units t1 CLK to Signal Valid Delay – Bused Signals 2 11 ns t2 Float to Active Delay 2 11 ns t3 Active to Float Delay 28 ns FIGURE 20-6: INPUT TIMING MEASUREMENT CONDITIONS, LPC SIGNALS Name Description MIN TYP MAX Units t1 Input Set Up Time to CLK – Bused Signals 7 ns t2 Input Hold Time from CLK 0 ns |