| データシートサーチシステム |
|
SIO1007 データシート(PDF) 97 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
SIO1007 データシート(HTML) 97 Page - Microchip Technology |
|
97 / 108 page ![]() 2005 - 2015 Microchip Technology Inc. DS00002020A-page 97 SIO1007 FIGURE 20-14: AMPLITUDE SHIFT KEYED IR RECEIVE TIMING t1 t2 t3 t4 t5 t6 Pa ramet er min typ max un its 0.8 0.8 0.8 0.8 1.2 1.2 1.2 1.2 µs µs µs µs µs µs M odu lated Out put Bit T ime Off Bit T ime M odu lated Outp ut " On" M odu lated Out put " Off" M odu lated Outp ut " On" M odu lated Out put " Off" 1 1 1 1 Note s: 1 . IRRX: L 5, CRF 1 Bit 0 = 1 n IRRX: L5 , CRF 1 Bit 0 = 0 (de fault) M IRRX, nMI RRX are the mod ulate d ou tpu ts t1 t2 t3 t4 t5 t6 01 0 1 0 0 1 1 0 1 1 DAT A IRRX n IRRX MIRRX nM IRRX |