| データシートサーチシステム |
|
USB3370 データシート(PDF) 73 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB3370 データシート(HTML) 73 Page - Microchip Technology |
|
73 / 75 page ![]() 2012 - 2015 Microchip Technology Inc. DS00001915B-page 73 USB3370 PRODUCT IDENTIFICATION SYSTEM To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office . PART NO. XXX Package Device Device: USB3370B Package: EZK = 32-pin QFN, 19.2MHz REFCLK frequency Tape and Reel Option: TR = Tape and Reel (1) Example: USB3370B-EZK-TR = 32-pin QFN RoHS compliant package tape & reel [X] Tape and Reel Option - Note 1: Tape and Reel identifier only appears in the catalog part number description. This identifier is used for ordering purposes and is not printed on the device package. Check with your Microchip Sales Office for package availability with the Tape and Reel option. Reel size is 5,000. - |