データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RPC564L60L5BFSR データシート(PDF) 38 Page - STMicroelectronics

部品番号 RPC564L60L5BFSR
部品情報  microcontroller for Aerospace and Defense, SIL3/ASILD safety applications
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RPC564L60L5BFSR データシート(HTML) 38 Page - STMicroelectronics

Back Button RPC564L60L5BFSR Datasheet HTML 34Page - STMicroelectronics RPC564L60L5BFSR Datasheet HTML 35Page - STMicroelectronics RPC564L60L5BFSR Datasheet HTML 36Page - STMicroelectronics RPC564L60L5BFSR Datasheet HTML 37Page - STMicroelectronics RPC564L60L5BFSR Datasheet HTML 38Page - STMicroelectronics RPC564L60L5BFSR Datasheet HTML 39Page - STMicroelectronics RPC564L60L5BFSR Datasheet HTML 40Page - STMicroelectronics RPC564L60L5BFSR Datasheet HTML 41Page - STMicroelectronics RPC564L60L5BFSR Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 137 page
background image
Package pinouts and signal descriptions
RPC56EL60L5
38/137
DocID026934 Rev 1
47
B[8]
SIUL
—
GPIO[24]
eTimer_0
—
ETC[5]
ADC_0
—
AN[1]
48
E[7]
SIUL
—
GPIO[71]
ADC_0
—
AN[6]
49
E[2]
SIUL
—
GPIO[66]
ADC_0
—
AN[5]
50
VDD_HV_ADR0
—
51
VSS_HV_ADR0
—
52
B[9]
SIUL
—
GPIO[25]
ADC_0
ADC_1
—AN[11]
53
B[10]
SIUL
—
GPIO[26]
ADC_0
ADC_1
—AN[12]
54
B[11]
SIUL
—
GPIO[27]
ADC_0
ADC_1
—AN[13]
55
B[12]
SIUL
—
GPIO[28]
ADC_0
ADC_1
—AN[14]
56
VDD_HV_ADR1
—
57
VSS_HV_ADR1
—
58
VDD_HV_ADV
—
59
VSS_HV_ADV
—
60
B[13]
SIUL
—
GPIO[29]
LINFlexD_1
—
RXD
ADC_1
—
AN[0]
61
E[9]
SIUL
—
GPIO[73]
ADC_1
—
AN[7]
62
B[15]
SIUL
—
GPIO[31]
SIUL
—
EIRQ[20]
ADC_1
—
AN[2]
63
E[10]
SIUL
—
GPIO[74]
ADC_1
—
AN[8]
Table 3. LQFP144 pin function summary (continued)
Pin #
Port/function
Peripheral
Output function
Input function