データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RPC564L60L5BFSR データシート(PDF) 40 Page - STMicroelectronics

部品番号 RPC564L60L5BFSR
部品情報  microcontroller for Aerospace and Defense, SIL3/ASILD safety applications
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RPC564L60L5BFSR データシート(HTML) 40 Page - STMicroelectronics

Back Button RPC564L60L5BFSR Datasheet HTML 36Page - STMicroelectronics RPC564L60L5BFSR Datasheet HTML 37Page - STMicroelectronics RPC564L60L5BFSR Datasheet HTML 38Page - STMicroelectronics RPC564L60L5BFSR Datasheet HTML 39Page - STMicroelectronics RPC564L60L5BFSR Datasheet HTML 40Page - STMicroelectronics RPC564L60L5BFSR Datasheet HTML 41Page - STMicroelectronics RPC564L60L5BFSR Datasheet HTML 42Page - STMicroelectronics RPC564L60L5BFSR Datasheet HTML 43Page - STMicroelectronics RPC564L60L5BFSR Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 137 page
background image
Package pinouts and signal descriptions
RPC56EL60L5
40/137
DocID026934 Rev 1
78
D[11]
SIUL
GPIO[59]
GPIO[59]
FlexPWM_0
B[0]
B[0]
eTimer_0
—
ETC[1]
79
G[9]
SIUL
GPIO[105]
GPIO[105]
FlexRay
DBG1
—
DSPI_1
CS1
—
FlexPWM_0
—
FAULT[1]
SIUL
—
EIRQ[29]
80
C[11]
SIUL
GPIO[43]
GPIO[43]
eTimer_0
ETC[4]
ETC[4]
DSPI_2
CS2
—
81
G[8]
SIUL
GPIO[104]
GPIO[104]
FlexRay
DBG0
—
DSPI_0
CS1
—
FlexPWM_0
—
FAULT[0]
SIUL
—
EIRQ[21]
82
C[12]
SIUL
GPIO[44]
GPIO[44]
eTimer_0
ETC[5]
ETC[5]
DSPI_2
CS3
—
83
G[7]
SIUL
GPIO[103]
GPIO[103]
FlexPWM_0
B[3]
B[3]
84
A[2]
SIUL
GPIO[2]
GPIO[2]
eTimer_0
ETC[2]
ETC[2]
FlexPWM_0
A[3]
A[3]
DSPI_2
—
SIN
MC_RGM
—
ABS[0]
SIUL
—
EIRQ[2]
85
G[5]
SIUL
GPIO[101]
GPIO[101]
FlexPWM_0
X[3]
X[3]
DSPI_2
CS3
—
86
B[5]
SIUL
GPIO[21]
GPIO[21]
JTAGC
—
TDI
87
TMS
—
88
TCK
—
Table 3. LQFP144 pin function summary (continued)
Pin #
Port/function
Peripheral
Output function
Input function