データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SRK2001 データシート(PDF) 17 Page - STMicroelectronics

部品番号 SRK2001
部品情報  Adaptive synchronous rectification controller for LLC resonant converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRK2001 データシート(HTML) 17 Page - STMicroelectronics

Back Button SRK2001 Datasheet HTML 13Page - STMicroelectronics SRK2001 Datasheet HTML 14Page - STMicroelectronics SRK2001 Datasheet HTML 15Page - STMicroelectronics SRK2001 Datasheet HTML 16Page - STMicroelectronics SRK2001 Datasheet HTML 17Page - STMicroelectronics SRK2001 Datasheet HTML 18Page - STMicroelectronics SRK2001 Datasheet HTML 19Page - STMicroelectronics SRK2001 Datasheet HTML 20Page - STMicroelectronics SRK2001 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
DocID027367 Rev 3
17/22
SRK2001
Operation description
22
The usage of bypass capacitors between VCC and GND is recommended. They should be
the low ESR, low ESL type and located as close to the IC pins as possible. Sometimes,
a series resistor (in the tens
) between the converter's output voltage and the VCC pin,
forming an RC filter along with the bypass capacitor, is useful to get a cleaner VCC voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22