| データシートサーチシステム |
|
ADC0804LCWMX/NOPB データシート(PDF) 32 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
ADC0804LCWMX/NOPB データシート(HTML) 32 Page - Texas Instruments |
|
32 / 56 page ![]() ADC0801, ADC0802, ADC0803, ADC0804, ADC0805 SNOSBI1C – NOVEMBER 2009 – REVISED JUNE 2015 www.ti.com Figure 41. Sample Program for Figure 40 Interfacing Multiple ADC’s in an MC6800 System Figure 42. Sample Program for Figure 40 Interfacing Multiple ADC’s in an MC6800 System Note: In order for the microprocessor to service subroutines and interrupts, the stack pointer must be dimensioned in the user’s program. For amplification of DC input signals, a major system error is the input offset voltage of the amplifiers used for the preamp. Figure 43 is a gain of 100 differential preamp whose offset voltage errors will be cancelled by a zeroing subroutine which is performed by the INS8080A microprocessor system. The total allowable input offset voltage error for this preamp is only 50 µV for / ⁄4 LSB error. This would obviously require very precise amplifiers. The expression for the differential output voltage of the preamp is: 32 Submit Documentation Feedback Copyright © 2009–2015, Texas Instruments Incorporated Product Folder Links: ADC0801 ADC0802 ADC0803 ADC0804 ADC0805 |