データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADC0804LCWMX/NOPB データシート(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
部品番号 ADC0804LCWMX/NOPB
部品情報  Analog-to-Digital Converters
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

ADC0804LCWMX/NOPB データシート(HTML) 37 Page - Texas Instruments

Back Button ADC0804LCWMX/NOPB Datasheet HTML 33Page - Texas Instruments ADC0804LCWMX/NOPB Datasheet HTML 34Page - Texas Instruments ADC0804LCWMX/NOPB Datasheet HTML 35Page - Texas Instruments ADC0804LCWMX/NOPB Datasheet HTML 36Page - Texas Instruments ADC0804LCWMX/NOPB Datasheet HTML 37Page - Texas Instruments ADC0804LCWMX/NOPB Datasheet HTML 38Page - Texas Instruments ADC0804LCWMX/NOPB Datasheet HTML 39Page - Texas Instruments ADC0804LCWMX/NOPB Datasheet HTML 40Page - Texas Instruments ADC0804LCWMX/NOPB Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 56 page
background image
ADC0801, ADC0802, ADC0803, ADC0804, ADC0805
www.ti.com
SNOSBI1C – NOVEMBER 2009 – REVISED JUNE 2015
NOTE: All numerical values are hexadecimal representations.
Figure 46. Software for Auto-Zeroed Differential ADC
The following notes apply:
•
It is assumed that the CPU automatically performs a RST 7 instruction when a valid interrupt is acknowledged
(CPU is in interrupt mode 1). Hence, the subroutine starting address of X0038.
•
The address bus from the Z-80 and the data bus to the Z-80 are assumed to be inverted by bus drivers.
•
ADC data and identifying words will be stored in sequential memory locations starting at the arbitrarily chosen
address X 3E00.
•
The stack pointer must be dimensioned in the main program as the RST 7 instruction automatically pushes
the PC onto the stack and the subroutine uses an additional 6 stack addresses.
•
The peripherals of concern are mapped into I/O space with the following port assignments:
Table 3. Port Assignment Where Peripherals are Mapped into I/O Space
HEX PORT ADDRESS
PERIPHERAL
HEX PORT ADDRESS
PERIPHERAL
00
MM74C374 8-bit flip-flop
04
ADC 4
01
ADC 1
05
ADC 5
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
37
Product Folder Links: ADC0801 ADC0802 ADC0803 ADC0804 ADC0805



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56