| データシートサーチシステム |
|
SPEAR320S データシート(PDF) 74 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPEAR320S データシート(HTML) 74 Page - STMicroelectronics |
|
74 / 113 page ![]() Electrical characteristics SPEAr320S 74/113 Doc ID 022508 Rev 2 4.7 LPDDR and DDR2 pin characteristics Table 44. DC characteristics Symbol Parameter Test condition Min Max Unit VIL Low level input voltage SSTL18 -0.3 VREF-0.125 V VIH High level input voltage SSTL18 VREF+0.125 VDDE1V8+0.3 V Vhyst Input voltage hysteresis 200 mV Table 45. Driver characteristics Symbol Parameter Min Typ Max Unit RO Output impedance 45 Ω Table 46. On-die termination Symbol Parameter Min Typ Max Unit RT1 Termination value of resistance for on die termination 75 Ω RT2 Termination value of resistance for on die termination 150 Ω Table 47. Reference voltage Symbol Parameter Min Typ Max Unit VREFIN Voltage applied to core/pad 0.49 * VDDE 0.500 * VDDE 0.51 * VDDE V |